Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

028N06LS Datasheet (PDF) - Infineon Technologies AG

028N06LS Datasheet PDF - Infineon Technologies AG
Part # 028N06LS
Download  028N06LS Download
File Size   336.29 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS3 Power-Transistor

028N06LS Datasheet (PDF)

Go To PDF Page Download Datasheet
028N06LS Datasheet PDF - Infineon Technologies AG

Part # 028N06LS
Download  028N06LS Click to download

File Size   336.29 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS3 Power-Transistor

028N06LS Datasheet (HTML) - Infineon Technologies AG


028N06LS Product details

Features
• Ideal for high frequency switching and sync. rec.
• Optimized technology for DC/DC converters
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance RDS(on)
• Superior thermal resistance
• N-channel, logic level
• 100% avalanche tested
• Pb-free plating; RoHS compliant
• Qualified according to JEDEC1) for target applications
• Halogen-free according to IEC61249-2-21




Similar Part No. - 028N06LS

ManufacturerPart #DatasheetDescription
logo
Pro-Power
028 PROPOWER-028 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
028 PROPOWER-028 Datasheet
120Kb / 1P
Switchgear Wire Type BU
24/01/13 V1.0
logo
WAGO Kontakttechnik Gmb...
028-000 WAGO-028-000 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
028-004 WAGO-028-004 Datasheet
388Kb / 7P
SMD PCB terminal block; push-button; 0.75 mm²
23.05.2020
logo
Vishay Siliconix
028-1-11 VISHAY-028-1-11 Datasheet
67Kb / 2P
28 mm Diameter Twenty-One Turn Dial
10-Jul-12
More results


Similar Description - 028N06LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC190N15NS3G INFINEON-BSC190N15NS3G Datasheet
376Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.4 2009-11-04
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPA093N06N3 INFINEON-IPA093N06N3 Datasheet
550Kb / 9P
OptiMOS3 Power Transistor
2010-05-03 revision:2.0
IPB019N08N3G INFINEON-IPB019N08N3G Datasheet
695Kb / 9P
OptiMOS3 Power-transistor
2009-11-16 revision:2.3
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com