Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3BR0665JF Datasheet (PDF) - Infineon Technologies AG

3BR0665JF Datasheet PDF - Infineon Technologies AG
Part # 3BR0665JF
Download  3BR0665JF Download
File Size   1637.9 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V

3BR0665JF Datasheet (PDF)

Go To PDF Page Download Datasheet
3BR0665JF Datasheet PDF - Infineon Technologies AG

Part # 3BR0665JF
Download  3BR0665JF Click to download

File Size   1637.9 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Off-Line SMPS Current Mode Controller with integrated 650V

3BR0665JF Datasheet (HTML) - Infineon Technologies AG


3BR0665JF Product details

Product Highlights
• TO220 FullPak with low Rdson MOSFET for high power application
• Active Burst Mode to reach the lowest Standby Power Requirements < 100mW
• Auto Restart protection for overload, overtemperature, overvoltage
• External auto-restart enable function
• Built-in soft start and blanking window
• Extendable blanking Window for high load jumps
• Built-in frequency jitter and soft driving for low EMI
• Green Mould Compound
• Pb-free lead plating; RoHS compliant

Description
The CoolSET®-F3R FullPak is the enhanced version of CoolSET®-F3 and targets for the Off-Line Adapters and high power range SMPS in DVD R/W, DVD Combi, set top box, etc. It has a wide Vcc range to 25V by adopting the BiCMOS technology. With the merit of Active Burst Mode, it can achieve the lowest Standby Power Requirements (<100mW) at no load and Vin = 270VAC. Since the controller is always active during the Active Burst Mode, it is an immediate response on load jumps and leads to <1% voltage ripple voltage at output. In case of protection for Overtemperature, Overvoltage, Open loop and Overload conditions, it would enter Auto Restart Mode. Thanks for the internal precise peak current limitation, it can provide accurate information to optimize the dimension of the transformer and the output diode. The built-in blanking window can provide sufficient buffer time before entering the Auto Restart Mode. In case of longer blanking time, a simply addition of capacitor to BA pin can serve the purpose. Furthermore, the built-in frequency jitter function can effectively reduce the EMI noise and further reduce the scale of input filter. The component counts can further be reduced with the various built-in functions such as soft start, blanking time and frequency jitter.

Features
• 650V avalanche rugged CoolMOS® with built-in Startup Cell
• Active Burst Mode for lowest Standby Power
• Fast load jump response in Active Burst Mode
• 67kHz internally fixed switching frequency
• Auto Restart Protection Mode for Overload, Open Loop, VCC Undervoltage, Overtemperature & Overvoltage
• External auto-restart enable pin
• Built-in Soft Start
• Built-in blanking window with extendable blanking time for short duration high current
• Max Duty Cycle 75%
• Overall tolerance of Current Limiting < ±5%
• Internal PWM Leading Edge Blanking
• BiCMOS technology provide wide VCC range
• Built-in Frequency jitter and soft driving for low EMI




Similar Part No. - 3BR0665JF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
3BR0665JZ INFINEON-3BR0665JZ Datasheet
569Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
More results


Similar Description - 3BR0665JF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3BR0665JZ INFINEON-ICE3BR0665JZ Datasheet
569Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3BR1765JZ INFINEON-ICE3BR1765JZ Datasheet
565Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 12 Nov 2009
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3RBR4765JZ INFINEON-ICE3RBR4765JZ Datasheet
670Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR1765JZ INFINEON-ICE3RBR1765JZ Datasheet
664Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3RBR0665JZ INFINEON-ICE3RBR0665JZ Datasheet
667Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.0, 7 Jun 2013
ICE3BR1765J INFINEON-ICE3BR1765J Datasheet
905Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3BR0665J INFINEON-ICE3BR0665J Datasheet
916Kb / 31P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A2065ELJ INFINEON-ICE3A2065ELJ_12 Datasheet
788Kb / 29P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
ICE3A1065ELJ INFINEON-ICE3A1065ELJ_12 Datasheet
786Kb / 29P
Off-Line SMPS Current Mode Controller with integrated 650V
Version 2.3, 19 Nov 2012
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com