Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFA08 Datasheet (PDF) - Sanyo Semicon Device

DFA08 Datasheet PDF - Sanyo Semicon Device
Part # DFA08
Download  DFA08 Download
File Size   39.93 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.8A Power Supply Rectifier

DFA08 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFA08 Datasheet PDF - Sanyo Semicon Device

Part # DFA08
Download  DFA08 Click to download

File Size   39.93 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.8A Power Supply Rectifier

DFA08 Datasheet (HTML) - Sanyo Semicon Device


DFA08 Product details

0.8A Power Supply Rectifier

Features
• High-speed switching use.
• Meets the requirements for automatic mounter and permits DFA08-applied sets to be made smaller.
• Peak reverse voltage:VRM=200 to 400V.
• Average rectified current:IO=0.8A.




Similar Part No. - DFA08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFA08S VISHAY-DFA08S Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
DFA08S VISHAY-DFA08S Datasheet
85Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
More results


Similar Description - DFA08

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
0.8A BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
0.8A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
B40C800 WTE-B40C800_06 Datasheet
46Kb / 4P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
HC12 GETEDZ-HC12_17 Datasheet
528Kb / 2P
0.8A 12kV-- Glass Passivated Rectifier Assembly
logo
Taiwan Semiconductor Co...
SDLW TSC-SDLW Datasheet
290Kb / 5P
0.8A, 200V - 1000V Surface Mount Rectifier
logo
Shenzhen Huazhimei Semi...
HM5817 HMSEMI-HM5817 Datasheet
356Kb / 6P
0.38A charge 0.8A discharge belt enable control power supply SOC
logo
DONGGUAN YOU FENG WEI E...
MB1M YFWDIODE-MB1M Datasheet
599Kb / 3P
0.8A GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com