Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL-3147-021 Datasheet (PDF) - Sanyo Semicon Device

DL-3147-021 Datasheet PDF - Sanyo Semicon Device
Part # DL-3147-021
Download  DL-3147-021 Download
File Size   76.17 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Index Guided AlGalnP Laser Diode?

DL-3147-021 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-3147-021 Datasheet PDF - Sanyo Semicon Device

Part # DL-3147-021
Download  DL-3147-021 Click to download

File Size   76.17 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Index Guided AlGalnP Laser Diode?

DL-3147-021 Datasheet (HTML) - Sanyo Semicon Device


DL-3147-021 Product details

Overview
DL-3147-021 is index guided 645 nm (Typ.) AlGaInP laser diode with low threshold current. The low threshold current is achieved by a strained multiple quantum well active layer. DL-3147-021 is suitable for laser pointer.

Features
• Short wavelength : 645 nm (Typ.)
• Low threshold current : Ith = 30 mA (Typ.)
• Low operating voltage : Vop = 2.3 V (Typ.)
• Small package : 5.6 mm ø




Similar Part No. - DL-3147-021

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3147-041 SANYO-DL-3147-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
RED LASER DIODE
More results


Similar Description - DL-3147-021

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3038-011 SANYO-DL-3038-011 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3038-033 SANYO-DL-3038-033 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3038-041 SANYO-DL-3038-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-041 SANYO-DL-3147-041 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-141 SANYO-DL-3147-141 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3147-161 SANYO-DL-3147-161 Datasheet
81Kb / 3P
Index Guided AlGalnP Laser Diode
DL-3149-054 SANYO-DL-3149-054 Datasheet
80Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3149-055 SANYO-DL-3149-055 Datasheet
77Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3149-056 SANYO-DL-3149-056 Datasheet
76Kb / 3P
Index Guided AlGalnP Laser Diode?
DL-3149-070 SANYO-DL-3149-070 Datasheet
76Kb / 3P
Index Guided AlGalnP Laser Diode?
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com