| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BGA751L7
|
689Kb / 22P |
Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009 |
|
BGA713L7
|
1Mb / 27P |
Single-Band UMTS LNA (700, 800 MHz)
Revision 3.0, 2010-10-04 |
|
BGA734L16
|
774Kb / 31P |
Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
V1.0, January 2008 |
|
BGA777L7
|
729Kb / 24P |
Single-Band UMTS LNA (2300 - 2700 MHz)
V3.0, July 2009 |
 Panasonic Battery Group |
AN26065A
|
507Kb / 31P |
UMTS Triple Band LNA-IC (Band I, II, IV, IX / V, XIII)
|
|
AN26218A
|
443Kb / 23P |
UMTS triple band LNA-IC
|
 Infineon Technologies A... |
BGA777N7
|
1Mb / 35P |
Single-Band UMTS LNA (2300 - 2700 MHz)
Revision 3.1, 2013-01-31 |
|
BGA713N7
|
1Mb / 27P |
Single-Band UMTS LNA (700, 800 MHz)
Revision 3.1, 2013-01-31 |
|
BGA734L16
|
1Mb / 39P |
Low Power Tri-Band UMTS LNA (2100, 1900, 800 MHz)
Revision 1.1, 2011-03-16 |
|
BGA771L16
|
942Kb / 33P |
High Linearity Dual-Band UMTS LNA
V3.0, August 2008 |