Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF125 Datasheet (PDF) - Infineon Technologies AG

BGF125 Datasheet PDF - Infineon Technologies AG
Part # BGF125
Download  BGF125 Download
File Size   580.17 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SIM Card Interface Filter and ESD Protection

BGF125 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGF125 Datasheet PDF - Infineon Technologies AG

Part # BGF125
Download  BGF125 Click to download

File Size   580.17 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description SIM Card Interface Filter and ESD Protection

BGF125 Datasheet (HTML) - Infineon Technologies AG


BGF125 Product details

Description
BGF125 is an ESD protection and filtering circuit for SIM card interfaces. All external IOs are protected against ESD pulses of ±15 kV contact discharge according to IEC61000-4-2. The wafer level package is a green lead-free and halogen-free package with a size of only 1.15 mm x 1.15 mm and a total height of 0.6 mm

Features
• ESD protection circuit and interface filter for SIM cards
• Reduced line capacitance of 12 pF maximum
• ESD protection according to IEC61000-4-2 for ±15 kV contact discharge on external IOs
• Wafer level package with SnAgCu solder balls
• 400 µm solder ball pitch
• RoHS and WEEE compliant package




Similar Part No. - BGF125

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF120A INFINEON-BGF120A Datasheet
1Mb / 14P
Dual Channel Ultra-Low Capacitance ESD Diode
Rev. 1.4, 2012-09-17
BGF121 INFINEON-BGF121 Datasheet
295Kb / 7P
Transient Voltage Suppressor
V2.2, June 2009
BGF124 INFINEON-BGF124 Datasheet
580Kb / 7P
SIM Card Interface Filter and USB Interface with ESD Protection
V2.0, April 2009
BGF127 INFINEON-BGF127 Datasheet
594Kb / 6P
Low Capacitance ESD protection array
2009-08-20
BGF128 INFINEON-BGF128 Datasheet
558Kb / 6P
HDMI Interface ESD Protection
V2.1, April 2009
More results


Similar Description - BGF125

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
Infineon Technologies A...
BGF106C INFINEON-BGF106C Datasheet
571Kb / 7P
SIM Card Interface Filter and ESD Protection
V2.0, April 2009
BGF124 INFINEON-BGF124 Datasheet
580Kb / 7P
SIM Card Interface Filter and USB Interface with ESD Protection
V2.0, April 2009
BGF106C INFINEON-BGF106C_13 Datasheet
181Kb / 7P
SIM Card Interface Filter and ESD Protection
Rev. 3.1, 2013-01-16
logo
ON Semiconductor
CM1402 ONSEMI-CM1402_11 Datasheet
414Kb / 8P
SIM Card EMI Filter Array ESD Protection
March, 2011 ??Rev. 4
logo
NXP Semiconductors
NVT4557 NXP-NVT4557 Datasheet
466Kb / 28P
SIM card interface level translator with EMI filter and ESD protection
Rev.2.1-12 November 2021
logo
Diodes Incorporated
PI4ULS3V4103 DIODES-PI4ULS3V4103 Datasheet
590Kb / 2P
SIM Card Interface Level Translator with EMI Filter and ESD Protection for Mobile Applications
logo
NXP Semiconductors
NVT4558 NXP-NVT4558 Datasheet
311Kb / 23P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.0 - 7 December 2022
NVT4557 NXP-NVT4557_V01 Datasheet
456Kb / 26P
SIM card interface level translator with EMI filter and ESD protection
Rev. 2.2 - 7 September 2023
NVT4558 NXP-NVT4558_V01 Datasheet
312Kb / 22P
SIM card interface level translator with EMI filter and ESD protection
Rev. 1.1 - 6 September 2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com