Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC042N03MSG Datasheet (PDF) - Infineon Technologies AG

BSC042N03MSG Datasheet PDF - Infineon Technologies AG
Part # BSC042N03MSG
Download  BSC042N03MSG Download
File Size   386.91 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS?? Power-MOSFET

BSC042N03MSG Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC042N03MSG Datasheet PDF - Infineon Technologies AG

Part # BSC042N03MSG
Download  BSC042N03MSG Click to download

File Size   386.91 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS?? Power-MOSFET

BSC042N03MSG Datasheet (HTML) - Infineon Technologies AG


BSC042N03MSG Product details

Features
• Optimized for 5V driver application (Notebook, VGA, POL)
• Low FOMSW for High Frequency SMPS
• 100% Avalanche tested
• N-channel
• Very low on-resistance R DS(on) @ V GS=4.5 V
• Excellent gate charge x R DS(on) product (FOM)
• Qualified according to JEDEC1) for target applications
• Superior thermal resistance
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - BSC042N03MSG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BSC042N03MSG AD-BSC042N03MSG Datasheet
2Mb / 40P
Synchronous Buck Controller
REV. A
logo
Infineon Technologies A...
BSC042N03MSG INFINEON-BSC042N03MSG Datasheet
529Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
BSC042N03MSG INFINEON-BSC042N03MSG_13 Datasheet
529Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-05-17
More results


Similar Description - BSC042N03MSG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ033N03LSCG INFINEON-BSZ033N03LSCG Datasheet
330Kb / 9P
OptiMOS?? Power-MOSFET
Rev. 1.2 2009-11-05
BSC014N03LSG INFINEON-BSC014N03LSG Datasheet
445Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.3 2009-10-22
BSC025N03LSG INFINEON-BSC025N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-10-22
BSC042N03LSG INFINEON-BSC042N03LSG Datasheet
384Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.25 2009-10-22
BSC080N03LSG INFINEON-BSC080N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.25 2009-11-03
BSC100N03LSG INFINEON-BSC100N03LSG Datasheet
390Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 1.6 2009-11-03
BSB104N08NP3G INFINEON-BSB104N08NP3G Datasheet
603Kb / 11P
OptiMOS?? Power-MOSFET
Rev. 2.1 2013-11-28
BSB044N08NN3G INFINEON-BSB044N08NN3G_11 Datasheet
902Kb / 11P
OptiMOS?? Power-MOSFET
Rev. 2.0 2011-07-18
BSB028N06NN3 INFINEON-BSB028N06NN3 Datasheet
749Kb / 11P
OptiMOS?? Power-MOSFET
Rev. 2.0 2014-04-17
BSC057N03LSG INFINEON-BSC057N03LSG_13 Datasheet
526Kb / 10P
OptiMOS?? Power-MOSFET
Rev. 2.12 013-05-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com