Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRE3 Datasheet (PDF) - Sanyo Semicon Device

DRE3 Datasheet PDF - Sanyo Semicon Device
Part # DRE3
Download  DRE3 Download
File Size   103.62 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.0A Reverse Blocking Thyristor?

DRE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRE3 Datasheet PDF - Sanyo Semicon Device

Part # DRE3
Download  DRE3 Click to download

File Size   103.62 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.0A Reverse Blocking Thyristor?

DRE3 Datasheet (HTML) - Sanyo Semicon Device


DRE3 Product details

Features
• Glass Passivation for high reliability
• Peak OFF-state(reverse) voltage : -100 to -600V
• Average ON-state current :3A
• TO-202 package




Similar Part No. - DRE3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRE120 CHINFA-DRE120 Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-12A CHINFA-DRE120-12A Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-12B CHINFA-DRE120-12B Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-24A CHINFA-DRE120-24A Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-24B CHINFA-DRE120-24B Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results


Similar Description - DRE3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
5.0A Reverse Blocking Thyristor
DRD3 SANYO-DRD3 Datasheet
97Kb / 3P
3.0A Reverse Blocking Thyristor
logo
Sanken electric
TFA5X SANKEN-TFA5X Datasheet
287Kb / 12P
Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
Reverse Blocking Triode Thyristor
TFA10X SANKEN-TFA10X Datasheet
282Kb / 12P
Reverse Blocking Triode Thyristor
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA57S SANKEN-TFA57S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
Reverse Blocking Triode Thyristor
TFA107S SANKEN-TFA107S Datasheet
394Kb / 12P
Reverse Blocking Triode Thyristor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com