Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS5235-2G Datasheet (PDF) - Infineon Technologies AG

BTS5235-2G Datasheet PDF - Infineon Technologies AG
Part # BTS5235-2G
Download  BTS5235-2G Download
File Size   487.98 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch

BTS5235-2G Datasheet (PDF)

Go To PDF Page Download Datasheet
BTS5235-2G Datasheet PDF - Infineon Technologies AG

Part # BTS5235-2G
Download  BTS5235-2G Click to download

File Size   487.98 Kbytes
Page   25 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Smart High-Side Power Switch

BTS5235-2G Datasheet (HTML) - Infineon Technologies AG


BTS5235-2G Product details

Product Summary
The BTS5235-2G is a dual channel high-side power switch in PG-DSO-20-43 package providing embedded protective functions.
The power transistor is built by a N-channel vertical power MOSFET with charge pump. The device is monolithically integrated in Smart SIPMOS technology.

Basic Features
• Very low standby current
• 3.3 V and 5 V compatible logic pins
• Improved electromagnetic compatibility (EMC)
• Stable behavior at under voltage
• Logic ground independent from load ground
• Secure load turn-off while logic ground disconnected
• Optimized inverse current capability
• Green Product (RoHS compliant)
• AEC Qualified

Protective Functions
• Reverse battery protection without external components
• Short circuit protection
• Overload protection
• Multi-step current limitation
• Thermal shutdown with restart
• Thermal restart at reduced current limitation
• Over voltage protection without external resistor
• Loss of ground protection
• Electrostatic discharge protection (ESD)

Diagnostic Functions
• Enhanced IntelliSense signal for each channel
• Enable function for diagnosis pins (IS1 and IS2)
• Proportional load current sense signal by current source
• High accuracy of current sense signal at wide load current range
• Open load detection in ON-state by load current sense
• Over load (current limitation) diagnosis in ON-state, signalling by voltage source
• Latched over temperature diagnosis in ON-state, signalling by voltage source
• Open load detection in OFF-state, signalling by voltage source

Applications
• µC compatible high-side power switch with diagnostic feedback for 12 V grounded loads
• All types of resistive, inductive and capacitive loads
• Suitable for loads with high inrush currents, so as lamps
• Suitable for loads with low currents, so as LEDs
• Replaces electromechanical relays, fuses and discrete circuits




Similar Part No. - BTS5235-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5235-2L INFINEON-BTS5235-2L Datasheet
488Kb / 25P
Smart High-Side Power Switch
Rev.1.1, Sep 2008
More results


Similar Description - BTS5235-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP742RI INFINEON-BSP742RI Datasheet
376Kb / 17P
Smart Power High-Side-Switch
2004-03-16
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
Smart High-Side Power Switch
V1.0, 2007-05-13
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
Smart High-Side Power Switch
V1.1, 2007-05-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com