Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGP30N60HS Datasheet (PDF) - Infineon Technologies AG

SGP30N60HS Datasheet PDF - Infineon Technologies AG
Part # SGP30N60HS
Download  SGP30N60HS Download
File Size   389.58 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation

SGP30N60HS Datasheet (PDF)

Go To PDF Page Download Datasheet
SGP30N60HS Datasheet PDF - Infineon Technologies AG

Part # SGP30N60HS
Download  SGP30N60HS Click to download

File Size   389.58 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation

SGP30N60HS Datasheet (HTML) - Infineon Technologies AG


SGP30N60HS Product details

High Speed IGBT in NPT-technology
• 30% lower Eoff compared to previous generation
• Short circuit withstand time – 10 µs
• Designed for operation above 30 kHz
• NPT-Technology for 600V applications offers:
- parallel switching capability
- moderate Eoff increase with temperature
- very tight parameter distribution
• High ruggedness, temperature stable behaviour
• Pb-free lead plating; RoHS compliant

• Qualified according to JEDEC1
for target applications
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Similar Part No. - SGP30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP30N60HS INFINEON-SGP30N60HS Datasheet
76Kb / 4P
HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
More results


Similar Description - SGP30N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60HS INFINEON-SKB06N60HS_07 Datasheet
1Mb / 14P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
SKB15N60HS INFINEON-SKB15N60HS_07 Datasheet
1Mb / 14P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.3 Oct. 07
SGB10N60A INFINEON-SGB10N60A_07 Datasheet
795Kb / 11P
Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.3 July 07
SGB07N120 INFINEON-SGB07N120_07 Datasheet
443Kb / 11P
Fast IGBT in NPT-technology lower Eoff compared to previous generation
Rev. 2_2 Apr 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGP15N120 INFINEON-SGP15N120_09 Datasheet
407Kb / 12P
Fast IGBT in NPT-technology 40% lower Eoff compared to previous generation
Rev. 2.6 Nov. 09
SGP20N60HS INFINEON-SGP20N60HS_09 Datasheet
388Kb / 12P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SGW50N60HS INFINEON-SGW50N60HS_09 Datasheet
355Kb / 11P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Nov 09
SKW30N60HS INFINEON-SKW30N60HS_08 Datasheet
353Kb / 14P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.2 Sep 08
SKW20N60HS INFINEON-SKW20N60HS_08 Datasheet
352Kb / 14P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Sep 08
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com