Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252G Datasheet (PDF) - Infineon Technologies AG

TLE4252G Datasheet PDF - Infineon Technologies AG
Part # TLE4252G
Download  TLE4252G Download
File Size   348.12 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Tracking Regulator 250 mA output current capability

TLE4252G Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4252G Datasheet PDF - Infineon Technologies AG

Part # TLE4252G
Download  TLE4252G Click to download

File Size   348.12 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Tracking Regulator 250 mA output current capability

TLE4252G Datasheet (HTML) - Infineon Technologies AG


TLE4252G Product details

Short Functional Description
The TLE 4252 is a monolithic integrated low-dropout voltage tracking regulator in a PG-TO263-5 package. It is designed to supply off-board systems, e.g. sensors in engine management systems under the severe conditions of automotive applications. Therefore, the device is equipped with additional protection functions against reverse polarity and short circuit to GND and battery.

Features
• Output tracking tolerance to reference ≤ ±0.2%
• Output voltage adjust down to 1.5 V
• 250 mA output current capability
• Enable function
• Very low current consumption in OFF mode
• Wide operation range: up to 40 V
• Wide temperature range: -40 °C ≤ Tj ≤ 150 °C
• Output protected against short circuit to GND and Battery
• Overtemperature protection
• Reverse polarity proof
• Green Product (RoHS compliant)
• AEC Qualified




Similar Part No. - TLE4252G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252 Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252 INFINEON-TLE4252 Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
TLE4252D INFINEON-TLE4252D Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252D INFINEON-TLE4252D Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
TLE4252D INFINEON-TLE4252D Datasheet
602Kb / 13P
Tracking Regulator
More results


Similar Description - TLE4252G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
250-mA Low-Dropout Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
250-mA Adjustable, Low Dropout Regulator
08-Jun-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com