Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE2PCS01G Datasheet (PDF) - Infineon Technologies AG

ICE2PCS01G Datasheet PDF - Infineon Technologies AG
Part # ICE2PCS01G
Download  ICE2PCS01G Download
File Size   539.33 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)

ICE2PCS01G Datasheet (PDF)

Go To PDF Page Download Datasheet
ICE2PCS01G Datasheet PDF - Infineon Technologies AG

Part # ICE2PCS01G
Download  ICE2PCS01G Click to download

File Size   539.33 Kbytes
Page   19 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)

ICE2PCS01G Datasheet (HTML) - Infineon Technologies AG


ICE2PCS01G Product details

• Leadfree DIP and DSO Package

• Wide Input Range

• Optimized for applications which require fast Startup

• Output Power Controllable by External Sense Resistor

• Programmable Operating Frequency

• Output Over-Voltage Protection

• Fast Output Dynamic Response during Load Jumps



Description

The ICE2PCS01/G is a 8-pin wide input range controller IC for active power factor correction converters. It is designed for converters in boost topology, and requires few external components. Its power supply is recommended to be provided by an external auxiliary supply which will switch on and off the IC.



Features

• Ease of Use with Few External Components

• Supports Wide Range

• Average Current Control

• External Current and Voltage Loop Compensation for Greater User Flexibility

• Programmable Operating/Switching Frequency (50kHz - 250kHz)

• Max Duty Cycle of 95% (at 25°C) at 125kHz

• Trimmed Internal Reference Voltage (3V+2% at 25°C)

• VCC Under-Voltage Lockout

• Cycle by Cycle Peak Current Limiting

• Output Over-Voltage Protection

• Open Loop Detection

• Enhanced Dynamic Response

• Short Startup(SoftStart) duration

• Fulfills Class D Requirements of IEC 1000-3-2

• Soft Overcurrent Protection




Similar Part No. - ICE2PCS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01G INFINEON-ICE2PCS01G Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
ICE2PCS01GXUMA1 INFINEON-ICE2PCS01GXUMA1 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Similar Description - ICE2PCS01G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com