Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4276-2 Datasheet (PDF) - Infineon Technologies AG

TLE4276-2 Datasheet PDF - Infineon Technologies AG
Part # TLE4276-2
Download  TLE4276-2 Download
File Size   281.59 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%

TLE4276-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4276-2 Datasheet PDF - Infineon Technologies AG

Part # TLE4276-2
Download  TLE4276-2 Click to download

File Size   281.59 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%

TLE4276-2 Datasheet (HTML) - Infineon Technologies AG


TLE4276-2 Product details

Low Drop Voltage Regulator

Features
• 5 V or variable output voltage
• Output voltage tolerance ≤ ±2%
• 400 mA current capability
• Low-drop voltage
• Inhibit input
• Very low current consumption
• Short-circuit-proof
• Reverse polarity proof
• Suitable for use in automotive electronics
• Green Product (RoHS compliant)
• AEC Qualified




Similar Part No. - TLE4276-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE42764 INFINEON-TLE42764 Datasheet
424Kb / 17P
Low Dropout Linear Voltage Regulator
Rev. 1.1, October 2009
TLE42764DV INFINEON-TLE42764DV Datasheet
424Kb / 17P
Low Dropout Linear Voltage Regulator
Rev. 1.1, October 2009
TLE42764DV INFINEON-TLE42764DV Datasheet
1Mb / 20P
Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
More results


Similar Description - TLE4276-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4268 INFINEON-TLE4268_07 Datasheet
333Kb / 17P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4266 INFINEON-TLE4266_08 Datasheet
212Kb / 14P
5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Rev. 2.5, 2008-03-10
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
TLE4274 INFINEON-TLE4274_07 Datasheet
207Kb / 16P
Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com