Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G01H1202 Datasheet (PDF) - Infineon Technologies AG

G01H1202 Datasheet PDF - Infineon Technologies AG
Part # G01H1202
Download  G01H1202 Download
File Size   912.52 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HighSpeed 2-Technology

G01H1202 Datasheet (PDF)

Go To PDF Page Download Datasheet
G01H1202 Datasheet PDF - Infineon Technologies AG

Part # G01H1202
Download  G01H1202 Click to download

File Size   912.52 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HighSpeed 2-Technology

G01H1202 Datasheet (HTML) - Infineon Technologies AG


G01H1202 Product details

HighSpeed 2-Technology
• Designed for:
- SMPS
- Lamp Ballast
- ZVS-Converter
- optimised for soft-switching / resonant topologies
• 2nd generation HighSpeed-Technology
for 1200V applications offers:
- loss reduction in resonant circuits
- temperature stable behavior
- parallel switching capability
- tight parameter distribution
- Eoff optimized for IC =1A
• Qualified according to JEDEC2
for target applications
• Pb-free lead plating; RoHS compliant

• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Similar Part No. - G01H1202

ManufacturerPart #DatasheetDescription
logo
Powerbox
G01 POWERBOX-G01 Datasheet
503Kb / 1P
5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
G01 XPPOWER-G01 Datasheet
716Kb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
G01 XPPOWER-G01 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
24 Jan 2022
logo
Pycom
G01 PYCOM-G01 Datasheet
1Mb / 27P
OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
Version 1.0
logo
Laser Components
G010 LASER-COMPONENTS-G010 Datasheet
426Kb / 10P
2.4 V CW LASER DIODE DRIVER
More results


Similar Description - G01H1202

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW03N120H2 INFINEON-IGW03N120H2 Datasheet
397Kb / 13P
HighSpeed 2-Technology
Rev. 2, Mar-04
IGB01N120H2 INFINEON-IGB01N120H2 Datasheet
390Kb / 13P
HighSpeed 2-Technology
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IGA03N120H2 INFINEON-IGA03N120H2 Datasheet
201Kb / 10P
HighSpeed 2-Technology
Mar-04, Rev. 2.0
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IGP03N120H2 INFINEON-IGP03N120H2_08 Datasheet
346Kb / 13P
HighSpeed 2-Technology
Rev. 2.6 Febr. 08
IGB01N120H2 INFINEON-IGB01N120H2_07 Datasheet
1Mb / 12P
HighSpeed 2-Technology
Rev. 2.4 Oct. 07
logo
TE Connectivity Ltd
114-94706 TEC-114-94706 Datasheet
1Mb / 26P
DT Highspeed DT Highspeed
07 MAR 2023 Rev. B
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com