Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H40T60 Datasheet (PDF) - Infineon Technologies AG

H40T60 Datasheet PDF - Infineon Technologies AG
Part # H40T60
Download  H40T60 Download
File Size   383.77 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Loss DuoPack : IGBT in TrenchStop -technology with anti-parallel diode

H40T60 Datasheet (PDF)

Go To PDF Page Download Datasheet
H40T60 Datasheet PDF - Infineon Technologies AG

Part # H40T60
Download  H40T60 Click to download

File Size   383.77 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Loss DuoPack : IGBT in TrenchStop -technology with anti-parallel diode

H40T60 Datasheet (HTML) - Infineon Technologies AG


H40T60 Product details

Features:
• Very low VCE(sat) 1.5 V (typ.)
• Maximum Junction Temperature 175 °C
• Short circuit withstand time – 5µs
• TrenchStop®
and Fieldstop technology for 600 V applications
offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
- low VCE(sat)
• Positive temperature coefficient in VCE(sat)
• Low EMI
• Low Gate Charge
• Qualified according to JEDEC1
for target applications
• Pb-free lead plating; RoHS compliant
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Similar Part No. - H40T60

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H40T65DC HUIXIN-H40T65DC Datasheet
1Mb / 8P
Trench Gate IGBT
H40T65LW HUIXIN-H40T65LW Datasheet
747Kb / 8P
Trench Gate IGBT
H40T65P HUIXIN-H40T65P Datasheet
734Kb / 8P
Trench Gate IGBT
H40T65W HUIXIN-H40T65W Datasheet
746Kb / 8P
Trench Gate IGBT
H40T65W-A HUIXIN-H40T65W-A Datasheet
797Kb / 8P
Trench Gate IGBT
More results


Similar Description - H40T60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IHW30N60T INFINEON-IHW30N60T Datasheet
368Kb / 12P
Low Loss DuoPack : IGBT in TrenchStop technology with optimised diode
Rev. 2.1 Apr. 06
IHW30N90T INFINEON-IHW30N90T Datasheet
329Kb / 12P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with anti-parallel diode
Rev. 2.1 Apr 06
IHW30N100T INFINEON-IHW30N100T Datasheet
360Kb / 12P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with anti-parallel diode
Rev. 2.4 May 06
IHW40N60T INFINEON-IHW40N60T Datasheet
385Kb / 12P
Low Loss DuoPack : IGBT in TrenchStop -technology with anti-parallel diode
Rev. 2.2 Apr. 06
IKA15N60T INFINEON-IKA15N60T Datasheet
404Kb / 13P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 July 06
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IHP10T120 INFINEON-IHP10T120_07 Datasheet
376Kb / 14P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 Sept. 07
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com