Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34726 Datasheet (PDF) - Freescale Semiconductor, Inc

MC34726 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC34726
Download  MC34726 Download
File Size   1232.76 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode

MC34726 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34726 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC34726
Download  MC34726 Click to download

File Size   1232.76 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode

MC34726 Datasheet (HTML) - Freescale Semiconductor, Inc


MC34726 Product details

300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode

The 34726 is a high efficiency, low quiescent current (IQ), synchronous buck regulator, implementing Freescale’s innovative Z-mode architecture. Freescale’s Z-mode architecture greatly improves the ripple performance during light load currents, but still maintains a low quiescent current of 65μA, at no load in “Sleepy” Z-mode.
The 34726 accepts an input voltage in the range of 2.7 to 5.5 V, making it ideally suited for single cell Li-Ion based applications. Factory preset output voltages, ranging from 0.8 to 3.3 V, reduce the number of required auxiliary components. The part is able to provide 300 mA of continuous load current across the input and the output voltage ranges.
The 34726 switches at 2.0 MHz to allow the use of small, surface mount inductors and capacitors to save precious board space.
The 34726 is available in the small, space saving, and low cost, 2x2 UDFN-8 packages. The part is guaranteed for operation over the -25°C to 85°C temperature range.

Features
• 94% peak efficiency
• 2.0 MHz switching frequency
• 2.7 to 5.5 V input voltage range
• Automatic transition to energy saving light load Z-mode (low ripple)
• Fixed output voltage options from 0.8 to 3.3 V
• 65 μA quiescent current during sleepy Z-mode
• 300 mA maximum continuous output current
• Internal 2.0 ms soft start
• Thermal and over-current protection
• 0.1 μA quiescent current in shutdown (disabled)
• Ultra thin 2x2 UDFN package
• Pb-free packaging designated by suffix code FC




Similar Part No. - MC34726

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34726AFC FREESCALE-MC34726AFC Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726AFCR2 FREESCALE-MC34726AFCR2 Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726BFC FREESCALE-MC34726BFC Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726BFCR2 FREESCALE-MC34726BFCR2 Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
MC34726CFC FREESCALE-MC34726CFC Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
More results


Similar Description - MC34726

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
34727 FREESCALE-34727 Datasheet
1Mb / 19P
600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com