Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33932 Datasheet (PDF) - Freescale Semiconductor, Inc

33932 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33932
Download  33932 Download
File Size   1241.78 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A Throttle Control H-Bridge

33932 Datasheet (PDF)

Go To PDF Page Download Datasheet
33932 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33932
Download  33932 Click to download

File Size   1241.78 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 5.0 A Throttle Control H-Bridge

33932 Datasheet (HTML) - Freescale Semiconductor, Inc


33932 Product details

5.0 A Throttle Control H-Bridge

The 33932 is a monolithic H-Bridge Power IC in a robust thermally enhanced package. The 33932 has two independent monolithic  H-Bridge Power ICs in the same package. They are designed primarily for automotive electronic throttle control, but are applicable to any low voltage DC servo motor control application within the current and voltage limits stated in this specification.
Each H-Bridge in the 33932 is able to control inductive loads with currents up to 5.0 A peak. RMS current capability is subject to the degree of heatsinking provided to the device package. Internal peakcurrent limiting (regulation) is activated at load currents above 6.5 A ±1.5 A. Output loads can be pulse-width modulated (PWM-ed) at frequencies up to 11 kHz. A load current feedback feature provides a proportional (0.24% of the load current) current output suitable for monitoring by a microcontroller’s A/D input. A Status Flag output reports under-voltage, over-current, and over-temperature fault conditions.

Features
• 8.0 to 28 V continuous operation (transient operation from 5.0 to 40 V)
• 235 mΩ maximum RDS(ON) at 150 °C (each H-Bridge MOSFET)
• 3.0 and 5.0 V TTL / CMOS logic compatible inputs
• Output short-circuit protection (short to VPWR or GND)
• Over-current limiting (regulation) via internal constant-off-time PWM
• Temperature dependant current limit threshold reduction
• All inputs have an internal source/sink to define the default (floating input) states
• Sleep mode with current draw < 50 µA (each half with inputs floating or set to match default logic states)




Similar Part No. - 33932

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3393 ETC-3393 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3393 HEYCO-3393 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Sumida Corporation
3393-T007 SUMIDA-3393-T007 Datasheet
66Kb / 1P
General Power Transformer
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
33937 FREESCALE-33937 Datasheet
656Kb / 47P
Three Phase Field Effect Transistor Pre-driver
More results


Similar Description - 33932

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
5.0 A H BRIDGE
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
5.0 A Throttle Control H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
5.0 A Throttle Control H-Bridge
33926 FREESCALE-33926_09 Datasheet
759Kb / 25P
5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
5.0 A Throttle Control H-bridge
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
5.0 A H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
5.0 A Throttle Control H-Bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com