Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

282138-75 Datasheet (PDF) - Amphenol Corporation

282138-75 Datasheet PDF - Amphenol Corporation
Part # 282138-75
Download  282138-75 Download
File Size   73.67 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1855A CABLE)

282138-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
282138-75 Datasheet PDF - Amphenol Corporation

Part # 282138-75
Download  282138-75 Click to download

File Size   73.67 Kbytes
Page   1 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description 1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1855A CABLE)

282138-75 Datasheet (HTML) - Amphenol Corporation




Similar Part No. - 282138-75

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2821385-1 TEC-2821385-1 Datasheet
5Mb / 8P
INTERNAL CABLED INTERCONNECT SOLUTIONS
2821385-1 TEC-2821385-1 Datasheet
773Kb / 15P
Sliver Cable Assemblies
2821385-1 TEC-2821385-1 Datasheet
492Kb / 2P
CABLE ASSEMBLY,SLIVER RIGHT ANGLE, 74 POSITION
2821385-1 TEC-2821385-1 Datasheet
1Mb / 6P
SLIVER INTERNAL CABLED INTERCONNECT SOLUTION
04/2019
2821385-2 TEC-2821385-2 Datasheet
5Mb / 8P
INTERNAL CABLED INTERCONNECT SOLUTIONS
More results


Similar Description - 282138-75

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
282135-75 AMPHENOL-282135-75 Datasheet
71Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1505A CABLE)
282137-75 AMPHENOL-282137-75 Datasheet
72Kb / 1P
1.0/2.3 PUSH-PULL CRIMP PLUG (FOR BELDEN 1694A CABLE)
34-1026 AMPHENOL-34-1026 Datasheet
182Kb / 1P
HD-BNC STR PLUG FOR BELDEN 1855A CABLE
logo
Winchester Electronics ...
0345-E00-C7201N WINCHESTER-0345-E00-C7201N Datasheet
106Kb / 1P
DIN 1.0/2.3 75 OHM PLUG FOR BELDEN 1855A CABLE
logo
Molex Electronics Ltd.
0731740910 MOLEX11-0731740910 Datasheet
53Kb / 1P
75 Ohms, DIN 1.0/2.3 push pull for Belden 1855a
0731745150 MOLEX11-0731745150 Datasheet
53Kb / 1P
50 Ohms, DIN 1.0/2.3 Plug, RG-58 cable, push/pull
logo
Pasternack Enterprises,...
PE45227 PASTERNACK-PE45227 Datasheet
362Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 735A1
PE45228 PASTERNACK-PE45228 Datasheet
348Kb / 3P
75 Ohm 1.0/2.3 Plug Push-On Connector Crimp Attachment for BELDEN 1855A
logo
Molex Electronics Ltd.
0731740910 MOLEX-0731740910_V01 Datasheet
47Kb / 1P
75 Ohms, DIN 1.0/2.3 push pull for Belden 1855a
0731745150 MOLEX-0731745150_V01 Datasheet
47Kb / 1P
50 Ohms, DIN 1.0/2.3 Plug, RG-58 cable, push/pull
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com