Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11499 Datasheet (PDF) - Hamamatsu Corporation

S11499 Datasheet PDF - Hamamatsu Corporation
Part # S11499
Download  S11499 Download
File Size   429.46 Kbytes
Page   3 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Large area, enhanced near IR sensitivity, using a MEMS technology

S11499 Datasheet (PDF)

Go To PDF Page Download Datasheet
S11499 Datasheet PDF - Hamamatsu Corporation

Part # S11499
Download  S11499 Click to download

File Size   429.46 Kbytes
Page   3 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Large area, enhanced near IR sensitivity, using a MEMS technology

S11499 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - S11499

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11499 HAMAMATSU-S11499_15 Datasheet
223Kb / 3P
Si PIN photodiodes
More results


Similar Description - S11499

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1722-02 HAMAMATSU-S1722-02 Datasheet
96Kb / 2P
Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
S6337-01 HAMAMATSU-S6337-01 Datasheet
97Kb / 2P
Large area photodiode for UV to IR, precision photometry
S9251 HAMAMATSU-S9251 Datasheet
75Kb / 2P
Si APD High sensitivity in near IR range
logo
Advanced Photonix, Inc.
SD197-70-72-661 ADVANCEDPHOTONIX-SD197-70-72-661 Datasheet
127Kb / 2P
Cooled Large Area 5mm Red Enhanced Silicon APD Module
SD197-70-74-661 ADVANCEDPHOTONIX-SD197-70-74-661 Datasheet
129Kb / 2P
Cooled Large Area 5mm Blue Enhanced Silicon APD Module
logo
Hamamatsu Corporation
S11510 HAMAMATSU-S11510_10 Datasheet
465Kb / 8P
Enhanced near infrared sensitivity: QE=40% (貫=1000 nm)
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S10747-0909 HAMAMATSU-S10747-0909 Datasheet
486Kb / 7P
Enhanced near-infrared sensitivity by using fully-depleted CCD technology
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
Enhanced near IR sensitivity, using a MEMS
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
Enhanced near IR sensitivity, using a MEMS technology
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com