Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHVIC2114R2 Datasheet (PDF) - Freescale Semiconductor, Inc

MHVIC2114R2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MHVIC2114R2
Download  MHVIC2114R2 Download
File Size   464.36 Kbytes
Page   9 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifier

MHVIC2114R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MHVIC2114R2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MHVIC2114R2
Download  MHVIC2114R2 Click to download

File Size   464.36 Kbytes
Page   9 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifier

MHVIC2114R2 Datasheet (HTML) - Freescale Semiconductor, Inc


MHVIC2114R2 Product details

RF LDMOS Wideband Integrated Power Amplifier

The MHVIC2114R2 wideband integrated circuit is designed for base station applications. It uses Freescale’s newest High Voltage (26 to 28 Volts) LDMOS IC technology and integrates a multi-stage structure. Its wideband On-Chip matching design makes it usable from 1600 to 2600 MHz. The linearity performances cover all modulation formats for cellular applications: CDMA and W-CDMA. The device is in a PFP - 16 flat pack package that provides excellent thermal performance through a solderable backside contact.

Final Application
• Typical Two-Tone Performance: VDD = 27 Volts, IDQ1 = 95 mA, IDQ2 =
   204 mA, IDQ3 = 111 mA, Pout = 15 Watts PEP, Full Frequency Band
      Power Gain — 32 dB
      IMD — -30 dBc

Driver Application
• Typical Single-Channel W-CDMA Performance: VDD = 27 Volts, IDQ1 =
   96 mA, IDQ2 = 204 mA, IDQ3 = 111 mA, Pout = 23 dBm, 2110-2170 MHz,
   3GPP Test Model 1, Measured in a 3.84 MHz BW @ 5 MHz Offset, 64
   DTCH, Peak/Avg. = 8.5 dB @ 0.01% Probability on CCDF.
      Power Gain — 32 dB
      ACPR — -58 dBc
• P1dB = 14 Watts, Gain Flatness = 0.2 dB from 2110 to 2170 MHz
• Capable of Handling 3:1 VSWR, @ 27 Vdc, 2140 MHz, 15 Watts CW Output Power
• Characterized with Series Equivalent Large-Signal Impedance Parameters and Common Source Scattering Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked, >5 Ohm Output)
• Integrated Temperature Compensation with Enable/Disable Function
• Integrated ESD Protection
• In Tape and Reel. R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.




Similar Part No. - MHVIC2114R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2114R2 MOTOROLA-MHVIC2114R2 Datasheet
647Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
More results


Similar Description - MHVIC2114R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com