Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R10454 Datasheet (PDF) - Hamamatsu Corporation

R10454 Datasheet PDF - Hamamatsu Corporation
Part # R10454
Download  R10454 Download
File Size   219.49 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description For Vacuum Ultraviolet Light Detection, Cs-I Photocathode, MgF2 Window, 28 mm (1-1/8 Inch) Diameter

R10454 Datasheet (PDF)

Go To PDF Page Download Datasheet
R10454 Datasheet PDF - Hamamatsu Corporation

Part # R10454
Download  R10454 Click to download

File Size   219.49 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description For Vacuum Ultraviolet Light Detection, Cs-I Photocathode, MgF2 Window, 28 mm (1-1/8 Inch) Diameter

R10454 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - R10454

ManufacturerPart #DatasheetDescription
logo
Sanken electric
R104 SANKEN-R104 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
logo
C&K Components
R104 CK-COMPONENTS-R104 Datasheet
305Kb / 3P
ROTA-SLIDE® Rotary Switches
R10407RR03Q CK-COMPONENTS-R10407RR03Q Datasheet
527Kb / 3P
R Series ROTA-SLIDE Rotary Switches
More results


Similar Description - R10454

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R11568 HAMAMATSU-R11568 Datasheet
140Kb / 2P
28 mm (1-1/8 Inch) Diameter, 9-stage, Bialkali Photocathode, Side-on Type High Gain and Low Dark Current
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R12829 HAMAMATSU-R12829_15 Datasheet
99Kb / 4P
800 nm High Sensitivity Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R928 HAMAMATSU-R928_15 Datasheet
183Kb / 4P
Extended Red, High Sensitivity, Multialkali Photocathode 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R821 HAMAMATSU-R821_15 Datasheet
26Kb / 2P
For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode
R759 HAMAMATSU-R759_15 Datasheet
40Kb / 2P
For UV Range, 13 mm (1/2 Inch) Diameter Head-on, 10-Stage, Cs-Te Photocathode
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com