Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DZD18 Datasheet (PDF) - Sanyo Semicon Device

DZD18 Datasheet PDF - Sanyo Semicon Device
Part # DZD18
Download  DZD18 Download
File Size   77.17 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.2W Zener Diodes

DZD18 Datasheet (PDF)

Go To PDF Page Download Datasheet
DZD18 Datasheet PDF - Sanyo Semicon Device

Part # DZD18
Download  DZD18 Click to download

File Size   77.17 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 0.2W Zener Diodes

DZD18 Datasheet (HTML) - Sanyo Semicon Device


DZD18 Product details

Features

· Reference voltage use.

· Votlage regulators use.

· Power dissipation : P=200mW.

· Voltage range : ±2.5% subdivided.

· High reliability due to planar type.

· Ideally suited for use in hybrid ICs because of ultra small package.



 




Similar Part No. - DZD18

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
0.2W Zener Diodes
DZD30 SANYO-DZD30 Datasheet
46Kb / 2P
0.2W Zener Diodes
DZD33 SANYO-DZD33 Datasheet
46Kb / 2P
0.2W Zener Diodes
DZD36 SANYO-DZD36 Datasheet
46Kb / 2P
0.2W Zener Diodes
DZD39 SANYO-DZD39 Datasheet
46Kb / 2P
0.2W Zener Diodes
More results


Similar Description - DZD18

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
0.2W Zener Diodes
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
0.2W Surface Mount Zener Diodes
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
0.2W Fast Switching Diodes
SD106WS LUGUANG-SD106WS Datasheet
201Kb / 2P
0.2W Fast Switching Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
0.2W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
0.2W Fast Switching Diodes
BZT52C2V0S LUGUANG-BZT52C2V0S Datasheet
1Mb / 3P
0.2W Zener Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com