Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21S30B Datasheet (PDF) - QUARTZCOM the communications company

21S30B Datasheet PDF - QUARTZCOM the communications company
Part # 21S30B
Download  21S30B Download
File Size   176.86 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description -20 ~ 70 째C commercia l application -30 ~ 75 째C on request

21S30B Datasheet (PDF)

Go To PDF Page Download Datasheet
21S30B Datasheet PDF - QUARTZCOM the communications company

Part # 21S30B
Download  21S30B Click to download

File Size   176.86 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description -20 ~ 70 째C commercia l application -30 ~ 75 째C on request

21S30B Datasheet (HTML) - QUARTZCOM the communications company




Similar Part No. - 21S30B

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
21SC15BB NDK-21SC15BB Datasheet
492Kb / 1P
4 Pole MCF (Built-in coupling capacitor)
21SC15BB NDK-21SC15BB Datasheet
497Kb / 1P
4 Pole SMD MCF
21SC15BB NDK-21SC15BB_18 Datasheet
497Kb / 1P
4 Pole SMD MCF
logo
Honeywell Solid State E...
21SM HONEYWELL-21SM Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
21SM1-T HONEYWELL-21SM1-T Datasheet
875Kb / 13P
MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
November 2013
More results


Similar Description - 21S30B

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
21M7A QUARTZCOM-21M7A Datasheet
125Kb / 1P
-20 ~ 70 째C commercial application -40 ~ 85 째C industrial application
logo
XP Power Limited
VCS50US05 XPPOWER-VCS50US05 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
logo
List of Unclassifed Man...
1676257-2 ETC2-1676257-2 Datasheet
271Kb / 5P
High precision - TCR 5ppm/째C and 10ppm/째C
logo
VBsemi Electronics Co.,...
PHB60N03LT VBSEMI-PHB60N03LT Datasheet
1Mb / 10P
N-Channel 30 V (D-S) 175 째C MOSFET
logo
Bel Fuse Inc.
SQE48T20033 BEL-SQE48T20033 Datasheet
1Mb / 13P
Delivers 20 A with no derating up to 70 째C
logo
Weidmuller
2682620000 WEIDMULLER-2682620000 Datasheet
145Kb / 3P
IoT Gateway, Fast Ethernet, IP20, -20 째C...60 째C
November 4, 2021
logo
Vishay Siliconix
SQJ486EP VISHAY-SQJ486EP_V01 Datasheet
241Kb / 11P
Automotive N-Channel 75 V (D-S) 175 °C MOSFET
14-Jul-14
SIDR500EP VISHAY-SIDR500EP Datasheet
170Kb / 7P
N-Channel 30 V (D-S) 175 °C MOSFET
06-Dec-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com