Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC150 Datasheet (PDF) - Sanyo Semicon Device

FC150 Datasheet PDF - Sanyo Semicon Device
Part # FC150
Download  FC150 Download
File Size   145.43 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Frequency General-Purpose Amp, Driver Applications

FC150 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC150 Datasheet PDF - Sanyo Semicon Device

Part # FC150
Download  FC150 Click to download

File Size   145.43 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Frequency General-Purpose Amp, Driver Applications

FC150 Datasheet (HTML) - Sanyo Semicon Device


FC150 Product details

PNP/NPN Epitaxial Planar Silicon Composite Transistor



Features

· Composite type with 2 transistors contained in the CP package currently in use, improving the mounting efficiency greatly.

· The FC150 is formed with two chips, being equivalent to the 2SA1813/2SC4413, placed in one pack age.

· Adoption of FBET process.

· High DC current gain.

· Hgih VEBO.



 




Similar Part No. - FC150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC150A9 ETC-FC150A9 Datasheet
1Mb / 14P
POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
FC150S6R5 ETC1-FC150S6R5 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
FC150S6R59 ETC1-FC150S6R59 Datasheet
1Mb / 14P
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Similar Description - FC150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
Low-Frequency General-Purpose Amp Applications
2SA1813 SANYO-2SA1813 Datasheet
81Kb / 3P
Low-Frequency General-Purpose Amp, Driver, Muting Circuit Applications?
2SA1814 SANYO-2SA1814 Datasheet
83Kb / 3P
Low-Frequency General-Purpose Amp, Driver, Muting Circuit Applications???
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SC5069 SANYO-2SC5069 Datasheet
85Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications?
2SC5070 SANYO-2SC5070 Datasheet
86Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications?
FC139 SANYO-FC139 Datasheet
80Kb / 3P
Low-Frequency General-Purpose Amp, General Driver Applications
FC149 SANYO-FC149 Datasheet
85Kb / 3P
Low-Frequency General-Purpose Amp, Driver Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com