Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXO-SW-S-8P Datasheet (PDF) - QUARTZCOM the communications company

TXO-SW-S-8P Datasheet PDF - QUARTZCOM the communications company
Part # TXO-SW-S-8P
Download  TXO-SW-S-8P Download
File Size   227.05 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description SMD TCXO Sine wave Wide frequency range up to 500 MHz

TXO-SW-S-8P Datasheet (PDF)

Go To PDF Page Download Datasheet
TXO-SW-S-8P Datasheet PDF - QUARTZCOM the communications company

Part # TXO-SW-S-8P
Download  TXO-SW-S-8P Click to download

File Size   227.05 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description SMD TCXO Sine wave Wide frequency range up to 500 MHz

TXO-SW-S-8P Datasheet (HTML) - QUARTZCOM the communications company




Similar Part No. - TXO-SW-S-8P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-SW-H-5P-ST3 QUARTZCOM-TXO-SW-H-5P-ST3 Datasheet
163Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
More results


Similar Description - TXO-SW-S-8P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-H-4P QUARTZCOM-TXO-SK-H-4P Datasheet
201Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-S-4P QUARTZCOM-TXO-SH-S-4P Datasheet
208Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 200 MHz
VT2-802V QUARTZCOM-VT2-802V Datasheet
122Kb / 1P
Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
VT3-801V QUARTZCOM-VT3-801V Datasheet
120Kb / 1P
Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
VTO-SK-S-4P QUARTZCOM-VTO-SK-S-4P Datasheet
163Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 400 MHz
VTO-SH-S-4P QUARTZCOM-VTO-SH-S-4P Datasheet
165Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 200 MHz
VTO-SW-S-8P QUARTZCOM-VTO-SW-S-8P Datasheet
150Kb / 1P
SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
VTE-205S QUARTZCOM-VTE-205S Datasheet
136Kb / 1P
Through hole VC-TCXO Sine wave Frequency range up to 200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com