Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFE6P9220HR3 Datasheet (PDF) - Freescale Semiconductor, Inc

MRFE6P9220HR3 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRFE6P9220HR3
Download  MRFE6P9220HR3 Download
File Size   408.97 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET

MRFE6P9220HR3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFE6P9220HR3 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRFE6P9220HR3
Download  MRFE6P9220HR3 Click to download

File Size   408.97 Kbytes
Page   12 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET

MRFE6P9220HR3 Datasheet (HTML) - Freescale Semiconductor, Inc


MRFE6P9220HR3 Product details

865-900 MHz, 47 W AVG., 28 V SINGLE N-CDMA LATERAL N-CHANNEL RF POWER MOSFET

Designed for broadband commercial and industrial applications with frequencies up to 1000 MHz. The high gain and broadband performance of this device makes it ideal for large - signal, common - source amplifier applications in 28 Volt base station equipment.

• Typical Single-Carrier N-CDMA Performance @ 880 MHz: VDD = 28 Volts, IDQ = 1600 mA, Pout = 47 Watts Avg., IS-95 CDMA (Pilot, Sync, Paging, Traffic Codes 8 Through 13). Channel Bandwidth = 1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF.
   Power Gain — 20 dB
   Drain Efficiency — 30%
   ACPR @ 750 kHz Offset — -46 dBc in 30 kHz Bandwidth
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 880 MHz, 350 Watts CW Output Power (2 dB Input Overdrive from Rated Pout), Designed for Enhanced Ruggedness
• Typical Pout @ 1 dB Compression Point  220 Watts CW

Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Device Designed for Push-Pull Operation Only
• Qualified Up to a Maximum of 32 VDD Operation
• Integrated ESD Protection
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.




Similar Part No. - MRFE6P9220HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6P3300HR3 FREESCALE-MRFE6P3300HR3 Datasheet
427Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRFE6P3300HR3 FREESCALE-MRFE6P3300HR3 Datasheet
451Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRFE6P3300HR3 FREESCALE-MRFE6P3300HR3_09 Datasheet
451Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRFE6P3300HR5 FREESCALE-MRFE6P3300HR5 Datasheet
427Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Similar Description - MRFE6P9220HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com