Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFG35003ANT1 Datasheet (PDF) - Freescale Semiconductor, Inc

MRFG35003ANT1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MRFG35003ANT1
Download  MRFG35003ANT1 Download
File Size   473.64 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Gallium Arsenide PHEMT RF Power Field Effect Transistor

MRFG35003ANT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFG35003ANT1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MRFG35003ANT1
Download  MRFG35003ANT1 Click to download

File Size   473.64 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Gallium Arsenide PHEMT RF Power Field Effect Transistor

MRFG35003ANT1 Datasheet (HTML) - Freescale Semiconductor, Inc


MRFG35003ANT1 Product details

3.5 GHz, 3 W, 12 V POWER FET GaAs PHEMT

Designed for WLL/MMDS/BWA or UMTS driver applications. Characterized from 500 to 5000 MHz. Device is unmatched and is suitable for use in Class AB Customer Premise Equipment (CPE) applications.

• Typical Single-Carrier W-CDMA Performance: VDD = 12 Volts, IDQ = 55 mA, Pout = 300 mWatts Avg., 3550 MHz, Channel Bandwidth = 3.84 MHz, PAR = 8.5 dB @ 0.01% Probability on CCDF.
    Power Gain — 10.8 dB
    Drain Efficiency — 24.5%
    ACPR @ 5 MHz Offset — -43 dBc in 3.84 MHz Channel Bandwidth
• 3 Watts P1dB @ 3550 MHz, CW
• Excellent Phase Linearity and Group Delay Characteristics
• High Gain, High Efficiency and High Linearity
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 12 mm, 7 inch Reel.




Similar Part No. - MRFG35003ANT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFG35003M6T1 MOTOROLA-MRFG35003M6T1 Datasheet
337Kb / 8P
GALLIUM ARSENIDE PHEMT
logo
Freescale Semiconductor...
MRFG35003M6T1 FREESCALE-MRFG35003M6T1 Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003M6T1 FREESCALE-MRFG35003M6T1_06 Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
Motorola, Inc
MRFG35003MT1 MOTOROLA-MRFG35003MT1 Datasheet
340Kb / 8P
The RF GaAs Line GALLIUM ARSENIDE PHEMT RF POWER FIELD EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRFG35003MT1 FREESCALE-MRFG35003MT1 Datasheet
100Kb / 5P
RF Reference Design Library Gallium Arsenide PHEMT
More results


Similar Description - MRFG35003ANT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35002N6T1 FREESCALE-MRFG35002N6T1_08 Datasheet
193Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35020AR1 FREESCALE-MRFG35020AR1 Datasheet
460Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35002N6AT1 FREESCALE-MRFG35002N6AT1 Datasheet
187Kb / 11P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003N6AT1 FREESCALE-MRFG35003N6AT1 Datasheet
221Kb / 11P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003M6T1 FREESCALE-MRFG35003M6T1_06 Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005ANT1 FREESCALE-MRFG35005ANT1 Datasheet
452Kb / 13P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010MT1 FREESCALE-MRFG35010MT1 Datasheet
516Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010AN NXP-MRFG35010AN Datasheet
1Mb / 25P
Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
MRFG35010A NXP-MRFG35010A Datasheet
490Kb / 18P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com