Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW7IC2725NR1 Datasheet (PDF) - Freescale Semiconductor, Inc

MW7IC2725NR1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MW7IC2725NR1
Download  MW7IC2725NR1 Download
File Size   960.84 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifiers

MW7IC2725NR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MW7IC2725NR1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MW7IC2725NR1
Download  MW7IC2725NR1 Click to download

File Size   960.84 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description RF LDMOS Wideband Integrated Power Amplifiers

MW7IC2725NR1 Datasheet (HTML) - Freescale Semiconductor, Inc


MW7IC2725NR1 Product details

The MW7IC2725N wideband integrated circuit is designed with on- chip matching that makes it usable from 2300- 2700 MHz. This multi- stage structure is rated for 26 to 32 Volt operation and covers all typical cellular base station modulation formats.
   
Features
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
    and Common Source S-Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked)
• Integrated Quiescent Current Temperature Compensation with
    Enable/Disable Function (1)
• Integrated ESD Protection
• 225°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
   




Similar Part No. - MW7IC2725NR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1 Datasheet
814Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1 Datasheet
814Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2725NR1 NXP-MW7IC2725NR1 Datasheet
1Mb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 1/2010
More results


Similar Description - MW7IC2725NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com