Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXO-SW-S-8P Datasheet (PDF) - QUARTZCOM the communications company

VXO-SW-S-8P Datasheet PDF - QUARTZCOM the communications company
Part # VXO-SW-S-8P
Download  VXO-SW-S-8P Download
File Size   103.83 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description SMD VCXO Sine wave Output frequency up to 1 GHz

VXO-SW-S-8P Datasheet (PDF)

Go To PDF Page Download Datasheet
VXO-SW-S-8P Datasheet PDF - QUARTZCOM the communications company

Part # VXO-SW-S-8P
Download  VXO-SW-S-8P Click to download

File Size   103.83 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description SMD VCXO Sine wave Output frequency up to 1 GHz

VXO-SW-S-8P Datasheet (HTML) - QUARTZCOM the communications company




Similar Part No. - VXO-SW-S-8P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VXO-SK-3HM-4P QUARTZCOM-VXO-SK-3HM-4P Datasheet
106Kb / 1P
SMD VCXO HCMOS / TTL compatible Output frequency up to 200 MHz
VXO-SK-3S-4P QUARTZCOM-VXO-SK-3S-4P Datasheet
106Kb / 1P
SMD VCXO Sine wave Output frequency up to 400 MHz
VXO-SK-5HM-4P QUARTZCOM-VXO-SK-5HM-4P Datasheet
106Kb / 1P
SMD VCXO HCMOS / TTL compatible Output frequency up to 200 MHz
VXO-SK-5S-4P QUARTZCOM-VXO-SK-5S-4P Datasheet
106Kb / 1P
SMD VCXO Sine wave Output frequency up to 400 MHz
VXO-SK-H-4P QUARTZCOM-VXO-SK-H-4P Datasheet
106Kb / 1P
SMD VCXO HCMOS / TTL compatible Output frequency up to 200 MHz
More results


Similar Description - VXO-SW-S-8P

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AB-A3A1XX NEL-AB-A3A1XX Datasheet
139Kb / 3P
SINE-WAVE UHF VCXO
logo
Crystek Corporation
CVSS-940 CRYSTEKCRYSTAL-CVSS-940 Datasheet
120Kb / 2P
High Frequency Sine Wave VCXO 9X14 mm SMD, 3.3V, SineWave
logo
QUARTZCOM the communica...
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SH-S-4P QUARTZCOM-TXO-SH-S-4P Datasheet
208Kb / 1P
SMD TCXO Sine wave Wide frequency range up to 200 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PEH-6J QUARTZCOM-VXO-P9-PEH-6J Datasheet
107Kb / 1P
SMD VCXO LVPECL Output frequency up to 800 MHz
VXO-P9-DS-6P QUARTZCOM-VXO-P9-DS-6P Datasheet
229Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
SMD VCXO LVDS Output frequency up to 800 MHz
VXO-SK-S-4P QUARTZCOM-VXO-SK-S-4P Datasheet
106Kb / 1P
SMD VCXO Sine wave Output frequency up to 400 MHz
logo
Advanced XTAL Products
AXIS15LN AXTAL-AXIS15LN Datasheet
105Kb / 4P
Low Phase Noise SMD VCXO with Sine Wave Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com