Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-BF516 Datasheet (PDF) - Analog Devices

ADSP-BF516 Datasheet PDF - Analog Devices
Part # ADSP-BF516
Download  ADSP-BF516 Download
File Size   1239.59 Kbytes
Page   62 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Embedded Processor

ADSP-BF516 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-BF516 Datasheet PDF - Analog Devices

Part # ADSP-BF516
Download  ADSP-BF516 Click to download

File Size   1239.59 Kbytes
Page   62 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Embedded Processor

ADSP-BF516 Datasheet (HTML) - Analog Devices


ADSP-BF516 Product details

GENERAL DESCRIPTION
The ADSP-BF512/ADSP-BF512F, ADSP-BF514/ADSPBF514F, ADSP-BF516/ADSP-BF516F, ADSP-BF518/ADSPBF518F processors are members of the Blackfin® family of products, incorporating the Analog Devices/Intel Micro Signal Architecture (MSA). Blackfin processors combine a dual-MAC state-of-the-art signal processing engine, the advantages of a clean, orthogonal RISC-like microprocessor instruction set, and single-instruction, multiple-data (SIMD) multimedia capabilities into a single instruction-set architecture.

FEATURES
   Up to 400 MHz high performance Blackfin processor
      Two 16-bit MACs, two 40-bit ALUs, four 8-bit video ALUs,
         40-bit shifter
      RISC-like register and instruction model for ease of
         programming and compiler-friendly support
      Advanced debug, trace, and performance monitoring
   Wide range of operating voltages. See Operating Conditions
      on Page 20
   Qualified for Automotive Applications. See Automotive
      Products on Page 65
   168-ball CSP_BGA or 176-lead LQFP with exposed pad

MEMORY
   116K bytes of on-chip memory
   External memory controller with glueless support for SDRAM
      and asynchronous 8-bit and 16-bit memories
   Optional 4M bit SPI flash with boot option
   Flexible booting options from internal SPI flash, OTP
      memory, external SPI/parallel memories, or from SPI/UART
      host devices
   Code security with Lockbox secure technology
   One-time-programmable (OTP) memory
   Memory management unit providing memory protection

PERIPHERALS
   IEEE 802.3-compliant 10/100 Ethernet MAC with IEEE 1588
      support (ADSP-BF518/ADSP-BF518F only)
   Parallel peripheral interface (PPI), supporting ITU-R 656
      video data formats
   2 dual-channel, full-duplex synchronous serial ports
      (SPORTs), supporting 8 stereo I2S channels
   12 peripheral DMAs, 2 mastered by the Ethernet MAC
   2 memory-to-memory DMAs with external request lines
   Event handler with 56 interrupt inputs
   2 serial peripheral interfaces (SPI)
   Removable storage interface (RSI) controller for MMC, SD,
      SDIO, and CE-ATA
   2 UARTs with IrDA support
   2-wire interface (TWI) controller
   Eight 32-bit timers/counters with PWM support
   3-phase 16-bit center-based PWM unit
   32-bit general-purpose counter
   Real-time clock (RTC) and watchdog timer
   32-bit core timer
   40 general-purpose I/Os (GPIOs)
   Debug/JTAG interface
   On-chip PLL capable of frequency multiplication




Similar Part No. - ADSP-BF516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF516BBCZ-3 AD-ADSP-BF516BBCZ-3 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF516BBCZ-4 AD-ADSP-BF516BBCZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF516BBCZ-4F4 AD-ADSP-BF516BBCZ-4F4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF516BSWZ-3 AD-ADSP-BF516BSWZ-3 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
More results


Similar Description - ADSP-BF516

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
Blackfin Embedded Processor
3/04-Revision 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
Blackfin Embedded Processor
May-2006
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
Blackfin Embedded Processor
Sep-2006
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
Blackfin Embedded Processor
Rev. I
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
Blackfin Embedded Processor
Rev. E
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com