Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5338 Datasheet (PDF) - Silicon Laboratories

SI5338 Datasheet PDF - Silicon Laboratories
Part # SI5338
Download  SI5338 Download
File Size   715.58 Kbytes
Page   170 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR

SI5338 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5338 Datasheet PDF - Silicon Laboratories

Part # SI5338
Download  SI5338 Click to download

File Size   715.58 Kbytes
Page   170 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR

SI5338 Datasheet (HTML) - Silicon Laboratories


SI5338 Product details

Description
The Si5338 is a high-performance, low-jitter clock generator capable of synthesizing any frequency on each of the devices four output drivers. This timing IC is capable of replacing up to four different frequency crystal oscillators or operating as a frequency translator. Using its patented MultiSynth™ technology, the Si5338 allows generation of four independent clocks with 0 ppm precision. Each output clock is independently configurable to support various signal formats and supply voltages. The Si5338 provides low-jitter frequency synthesis in a space-saving 4 x 4 mm QFN package. The device is programmable via an I2C/SMBus-compatible serial interface and supports operation from a 1.8, 2.5, or 3.3 V core supply. I2C device programming is made easy with the ClockBuilder™ Desktop software available at www.silabs.com/ClockBuilder.

Features
■ Low power MultiSynth™ technology enables independent, any-frequency synthesis on four differential output drivers
■ Highly-configurable output drivers with up to four differential outputs, eight single-ended clock outputs, or a combination of both
■ Low phase jitter of 0.7 ps RMS typ
■ High precision synthesis allows true zero ppm frequency accuracy on all outputs
■ Flexible input reference:
   ● External crystal: 8 to 30 MHz
   ● CMOS input: 5 to 200 MHz
   ● SSTL/HSTL input: 5 to 350 MHz
   ● Differential input: 5 to 710 MHz
■ Independently configurable outputs support any frequency or format:
   ● LVPECL/LVDS: 0.16 to 710 MHz
   ● HCSL: 0.16 to 250 MHz
   ● CMOS: 0.16 to 200 MHz
   ● SSTL/HSTL: 0.16 to 350 MHz
■ Independent output voltage per driver: 1.5, 1.8, 2.5, or 3.3 V
■ Single supply core with excellent PSRR: 1.8, 2.5, 3.3 V
■ Independent frequency increment/decrement feature enables glitchless frequency adjustments in 1 ppm steps
■ Independent phase adjustment on each of the output drivers with an accuracy of <20 ps steps
■ Highly configurable spread spectrum (SSC) on any output:
   ● Any frequency from 5 to 350 MHz
   ● Any spread from 0.5 to 5.0%
   ● Any modulation rate from 33 to 63 kHz
■ External feedback mode allows zero-delay mode
■ Loss of lock and loss of signal alarms
■ I2C/SMBus compatible interface
■ Easy to use programming software
■ Small size: 4 x 4 mm, 24-QFN
■ Low power: 45 mA core supply typ
■ Wide temperature range: –40 to +85 °C

Applications
■ Ethernet switch/router
■ PCI Express 2.0/3.0
■ Broadcast video/audio timing
■ Processor and FPGA clocking
■ Any-frequency clock conversion
■ MSAN/DSLAM/PON
■ Fibre Channel, SAN
■ Telecom line cards




Similar Part No. - SI5338

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5338 SILABS-SI5338 Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5338A SKYWORKS-SI5338A Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
logo
Silicon Laboratories
SI5338A-B-GMR SILABS-SI5338A-B-GMR Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338B SKYWORKS-SI5338B Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
More results


Similar Description - SI5338

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com