Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1767 Datasheet (PDF) - Infineon Technologies AG

TC1767 Datasheet PDF - Infineon Technologies AG
Part # TC1767
Download  TC1767 Download
File Size   832.55 Kbytes
Page   126 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller

TC1767 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1767 Datasheet PDF - Infineon Technologies AG

Part # TC1767
Download  TC1767 Click to download

File Size   832.55 Kbytes
Page   126 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Microcontroller

TC1767 Datasheet (HTML) - Infineon Technologies AG


TC1767 Product details

Introduction

This Data Sheet describes the Infineon TC1767, a 32-bit microcontroller DSP, based on the Infineon TriCore Architecture.



Summary of Features

• High-performance 32-bit super-scalar TriCore V1.3.1 CPU with 4-stage pipeline

– Superior real-time performance

– Strong bit handling

– Fully integrated DSP capabilities

– Single precision Floating Point Unit (FPU)

– 133 MHz operation at full temperature range

• 32-bit Peripheral Control Processor with single cycle instruction (PCP2)

– 8 Kbyte Parameter Memory (PRAM)

– 16 Kbyte Code Memory (CMEM)

– 133 MHz operation at full temperature range

• Multiple on-chip memories

– 72 Kbyte Data Memory (LDRAM)

– 24 Kbyte Code Scratchpad Memory (SPRAM)

– 2 Mbyte Program Flash Memory (PFlash)

– 64 Kbyte Data Flash Memory (DFlash, represents 16 Kbyte EEPROM)

– Instruction Cache: up to 8 Kbyte (ICACHE, configurable)

– Data Cache: up to 4 Kbyte (DCACHE, configurable)

– 8 Kbyte Overlay Memory (OVRAM)

– 16 Kbyte BootROM (BROM)

• 8-Channel DMA Controller

• Sophisticated interrupt system with 2×255 hardware priorityarbitration levels serviced by CPU or PCP2

• High performing on-chip bus structure

– 64-bit Local Memory Buses between CPU, Flash and Data Memory

– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units

– One bus bridge (LFI Bridge)

• Versatile On-chip Peripheral Units

– Two Asynchronous/Synchronous Serial Channels (ASC) with baud rate generator, parity, framing and overrun error detection

– Two High-Speed Synchronous Serial Channels (SSC) with programmable data length and shift direction

– One serial Micro Second Bus interface (MSC) for serialport expansion to external power devices

– One High-Speed Micro Link interface  (MLI) for serial inter-processor communication

– One MultiCAN Module with 2 CAN nodes and 64 free assignable message objects for high efficiency data handling via FIFO buffering and gateway data transfer

– One General Purpose Timer Array Modules (GPTA) with additional Local Timer Cell Array (LTCA2) providing a powerful set of digital signal filtering and timer functionality to realize autonomous and complex Input/Output management

• 32 analog inputlines for ADC

– 2 independent kernels (ADC0, ADC1)

– Analog supply voltage range from 3.3 V to 5 V (single supply)

– Performance for 12 bit resolution (@fADCI =10 MHz)

• 4 different FADC input channels

• Extreme fast conversion, 21 cycles of fFADC clock (262.5 ns @ fFADC = 80 MHz)

– 10-bit A/D conversion (higher resolution  can be achieved by averaging of consecutive conversions in digital data reduction filter)

• 88 digital general purpose I/Olines (GPIO), 4 input lines

• Digital I/O ports with 3.3 V capability

• On-chip debug support for OCDS Level 1 (CPU, PCP, DMA, On Chip Bus)

• Dedicated Emulation Device chip available (TC1767ED)

– multi-core debugging, real time tracing, and calibration

– four/five wire JTAG(IEEE 1149.1) or two wire DAP (Device Access Port) interface

• Power Management System

• Clock Generation Unit with PLL

• Core supply voltage of 1.5 V

• I/O voltage of 3.3 V

• Full automotive temperature range: -40° to +125°C

• Package variant: PG-LQFP-176-5




Similar Part No. - TC1767

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC176-198-S ACE-TC176-198-S Datasheet
106Kb / 2P
TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Infineon Technologies A...
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1765 INFINEON-TC1765 Datasheet
1Mb / 88P
32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765N INFINEON-TC1765N Datasheet
1Mb / 88P
32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765T INFINEON-TC1765T Datasheet
1Mb / 88P
32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
More results


Similar Description - TC1767

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
32-bit Single-Chip Microcontroller
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com