Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42754 Datasheet (PDF) - Infineon Technologies AG

TLE42754 Datasheet PDF - Infineon Technologies AG
Part # TLE42754
Download  TLE42754 Download
File Size   406.96 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Linear Fixed Voltage Regulator

TLE42754 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE42754 Datasheet PDF - Infineon Technologies AG

Part # TLE42754
Download  TLE42754 Click to download

File Size   406.96 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Low Dropout Linear Fixed Voltage Regulator

TLE42754 Datasheet (HTML) - Infineon Technologies AG


TLE42754 Product details

Description

The TLE42754 is a monolithic integrated low-dropout voltage regulator in a 5-pin TO-package, especially designed for automotive applications. An input voltage up to 42 V is regulated to an output voltage of 5.0 V. The component is able to drive loads up to 450 mA. It is short-circuit proof by the implemented current limitation and has an integrated overtemperature shutdown. A reset signal is generated for an output voltage VQ,rt of typically 4.65 V. The power-on reset delay time can be programmed by the external delay capacitor.



Features

• Output Voltage 5 V ± 2%

• Ouput Current up to 450 mA

• Very low Current Consumption

• Power-on and Undervoltage Reset with Programmable Delay Time

• Reset Low Down to VQ = 1 V

• Very Low Dropout Voltage

• Output Current Limitation

• Reverse Polarity Protection

• Overtemperature Protection

• Suitable for Use in Automotive Electronics

• Wide Temperature Range from -40 °C up to 150 °C

• Input Voltage Range from -42 V to 45 V

• Green Product (RoHS compliant)

• AEC Qualified




Similar Part No. - TLE42754

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754 Datasheet
503Kb / 26P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754D INFINEON-TLE42754D Datasheet
503Kb / 26P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754D INFINEON-TLE42754D Datasheet
1Mb / 29P
Very low Current Consumption
TLE42754E INFINEON-TLE42754E Datasheet
503Kb / 26P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
TLE42754E INFINEON-TLE42754E Datasheet
1Mb / 29P
Very low Current Consumption
More results


Similar Description - TLE42754

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42754 INFINEON-TLE42754_08 Datasheet
503Kb / 26P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.1, September 2008
logo
Anpec Electronics Corop...
APL5601 ANPEC-APL5601 Datasheet
331Kb / 18P
Low Dropout 600mA Fixed Voltage Linear Regulator
APL5603 ANPEC-APL5603 Datasheet
371Kb / 19P
Low Dropout 600mA Fixed Voltage Linear Regulator
logo
Solid States Devices, I...
SVR005 SSDI-SVR005 Datasheet
74Kb / 2P
FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
Fixed Low Dropout Linear Regulator
logo
Solid States Devices, I...
SVR005 SSDI-SVR005_15 Datasheet
74Kb / 2P
FIXED LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
TLF80511TF INFINEON-TLF80511TF Datasheet
1Mb / 20P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-01-28
TLF80511TC INFINEON-TLF80511TC Datasheet
1Mb / 15P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
TLF80511 INFINEON-TLF80511 Datasheet
1Mb / 15P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.01, 2016-06-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com