Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC951LP4E Datasheet (PDF) - Hittite Microwave Corporation

HMC951LP4E Datasheet PDF - Hittite Microwave Corporation
Part # HMC951LP4E
Download  HMC951LP4E Download
File Size   1426.74 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz

HMC951LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC951LP4E Datasheet PDF - Hittite Microwave Corporation

Part # HMC951LP4E
Download  HMC951LP4E Click to download

File Size   1426.74 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz

HMC951LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC951LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC951LP4E HITTITE-HMC951LP4E Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC951LP4E HITTITE-HMC951LP4E_11 Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
More results


Similar Description - HMC951LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
HMC572LC5 HITTITE-HMC572LC5 Datasheet
238Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 24 - 28 GHz
HMC951LP4E HITTITE-HMC951LP4E_11 Datasheet
836Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
HMC569LC5 HITTITE-HMC569LC5_10 Datasheet
243Kb / 6P
GaAs MMIC I/Q DOWNCONVERTER 12 - 16 GHz
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC951A AD-HMC951A Datasheet
645Kb / 31P
5.6 GHz to 8.6 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. 0 to Rev. A
HMC951BLP4E AD-HMC951BLP4E Datasheet
1Mb / 16P
GaAs MMIC I/Q DOWNCONVERTER 5.6 - 8.6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com