Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31785 Datasheet (PDF) - Maxim Integrated Products

MAX31785 Datasheet PDF - Maxim Integrated Products
Part # MAX31785
Download  MAX31785 Download
File Size   1975.67 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6-Channel Intelligent Fan Controller

MAX31785 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31785 Datasheet PDF - Maxim Integrated Products

Part # MAX31785
Download  MAX31785 Click to download

File Size   1975.67 Kbytes
Page   48 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6-Channel Intelligent Fan Controller

MAX31785 Datasheet (HTML) - Maxim Integrated Products


MAX31785 Product details

General Description

The MAX31785 is a closed-loop multichannel fan controller. Automatic closed-loop fan control saves system power by operating the fans at the lowest possible speeds. Added benefits of slower fan speeds include lower audible noise, longer fan life, and reduced system maintenance. Based on a user-programmable lookup table (LUT), the device automatically adjusts the speeds of the six independent fans based on one or more of the 11 available temperature sensors. Alternately, an external host can manually command the fan speeds and the device automatically adjusts the fan speeds. The device contains a fan-health-diagnostic function to help users predict impending fan failures. The device can also monitor up to six remote voltages.



Features

♦ Six Independent Channels of Fan Control

   Supports 3-Wire and 4-Wire Fans

   Automatic Closed-Loop Fan Speed Control

   RPM- or PWM-Based Control

   Optional Manual Mode Control

   Fast and Slow PWM Frequency Options

   Staggered Fan Spin-Up Eases Power-Supply

   Stress

   Dual Tachometer (12-Fan Support)

   Fan-Fault Detection

   Fan-Health Status Meter

   Nonvolatile Fan Operating Run Time Meter

♦ Supports Up to 11 Temperature Sensors

   Up to Six External Thermal Diodes with

   Automatic Series Resistance Cancellation

   One Internal Temperature Sensor

   Up to Four I2C Digital Temperature Sensors

   Fault Detection on All Temperature Sensors

♦ Available 6-Channel ADC to Measure Remote Voltages

♦ PMBus™-Compliant Command Interface

♦ I2C/SMBus-Compatible Serial Bus with Bus Timeout Function

♦ On-Board Nonvolatile Fault Logging and Default Configuration Setting

♦ No External Clocking Required

♦ +3.3V Supply Voltage



Applications

  Network Switches/Routers

  Base Stations

  Servers

  Smart Grid Network Systems

  Industrial Controls



 




Similar Part No. - MAX31785

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31785 MAXIM-MAX31785 Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
Rev 1; 11/11
MAX31785ETL+ MAXIM-MAX31785ETL+ Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
2012
MAX31785ETL+T MAXIM-MAX31785ETL+T Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
2012
MAX31785 MAXIM-MAX31785_11 Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
Rev 1; 11/11
MAX31785 MAXIM-MAX31785_V01 Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
2012
More results


Similar Description - MAX31785

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
Intelligent Temperature Monitor and PWM Fan Controller
REV.0
logo
Texas Instruments
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
Intelligent Temperature Monitor and PWM Fan Controller
logo
Maxim Integrated Produc...
MAX34441 MAXIM-MAX34441 Datasheet
2Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
Rev 0; 8/10
MAX31785 MAXIM-MAX31785_11 Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
Rev 1; 11/11
logo
Texas Instruments
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Maxim Integrated Produc...
MAX31790 MAXIM-MAX31790 Datasheet
2Mb / 43P
6-Channel PWM-Output Fan RPM Controller
Rev 0; 12/12
MAX31790 MAXIM-MAX31790_15 Datasheet
1Mb / 43P
6-Channel PWM-Output Fan RPM Controller
Rev 2; 1/15
MAX31785 MAXIM-MAX31785_V01 Datasheet
1Mb / 48P
6-Channel Intelligent Fan Controller
2012
MAX34441 MAXIM-MAX34441_V01 Datasheet
1Mb / 53P
PMBus 5-Channel Power-Supply Manager and Intelligent Fan Controller
2012
MAX31790 MAXIM-MAX31790_V01 Datasheet
1Mb / 46P
6-Channel PWM-Output Fan RPM Controller
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com