Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6616 Datasheet (PDF) - ATMEL Corporation

ATA6616 Datasheet PDF - ATMEL Corporation
Part # ATA6616
Download  ATA6616 Download
File Size   9296.94 Kbytes
Page   308 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Single-package High Performance, Low Power AVR 8-bit Microcontroller with LIN

ATA6616 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6616 Datasheet PDF - ATMEL Corporation

Part # ATA6616
Download  ATA6616 Click to download

File Size   9296.94 Kbytes
Page   308 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Single-package High Performance, Low Power AVR 8-bit Microcontroller with LIN

ATA6616 Datasheet (HTML) - ATMEL Corporation


ATA6616 Product details

Description
Atmel® ATA6616/ATA6617 is a System-in-Package (SiP) product, which is particularly suited for complete LIN-bus node applications. It supports highly integrated solutions for in-vehicle LIN networks. The first chip is the LIN-system-basis-chip (LIN-SBC) ATA6624, which has an integrated LIN transceiver, a 5V regulator and a window watchdog. The second chip is an automotive microcontroller from Atmel®’s series of AVR® 8-bit microcontroller with advanced RISC architecture, the Atmel ATtiny87 with 8-Kbytes and the Atmel ATtiny167 with 16-Kbytes flash memory.

General Features
• Single-package High Performance, Low Power AVR 8-bit Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
• Very Low Current Consumption in Sleep Mode
• 8Kbytes/16Kbytes Flash Memory for Application Program (Atmel ATA6616/ATA6617)
• Supply Voltage Up to 40V
• Operating Voltage: 5V to 27V
• Temperature Range: Tcase –40°C to +125°C
• QFN38, 5mm × 7mm Package




Similar Part No. - ATA6616

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6616 ATMEL-ATA6616 Datasheet
9Mb / 308P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616-EK ATMEL-ATA6616-EK Datasheet
1Mb / 20P
Atmel ATA6616-EK/ATA6617-EK Development Board V1.1
ATA6616C ATMEL-ATA6616C Datasheet
8Mb / 274P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616C ATMEL-ATA6616C_14 Datasheet
8Mb / 274P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6616 ATMEL-ATA6616_12 Datasheet
9Mb / 308P
8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
More results


Similar Description - ATA6616

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L ATMEL-ATTINY15L_07 Datasheet
1Mb / 85P
High-performance, Low-power AVR 8-bit Microcontroller Advanced RISC Architecture
ATMEGA16U4 ATMEL-ATMEGA16U4_10 Datasheet
694Kb / 26P
High Performance, Low Power AVR 8-Bit Microcontroller Advanced RISC Architecture
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
High Performance, Low Power 32-bit AVR Microcontroller
AT90USB82 ATMEL-AT90USB82_14 Datasheet
320Kb / 21P
High Performance, Low Power AVR 8-Bit Microcontroller
ATTINY85 ATMEL-ATTINY85_14 Datasheet
3Mb / 196P
High Performance, Low Power AVR 8-Bit Microcontroller
AT90PWM1 ATMEL-AT90PWM1_14 Datasheet
3Mb / 297P
High Performance, Low Power AVR 8-bit Microcontroller
logo
Microchip Technology
ATMEGA48A MICROCHIP-ATMEGA48A Datasheet
33Mb / 662P
High Performance, Low Power AVR® 8-Bit Microcontroller Family
2018
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com