Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H30R90 Datasheet (PDF) - Infineon Technologies AG

H30R90 Datasheet PDF - Infineon Technologies AG
Part # H30R90
Download  H30R90 Download
File Size   304.0 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Reverse Conducting IGBT with monolithic body diode

H30R90 Datasheet (PDF)

Go To PDF Page Download Datasheet
H30R90 Datasheet PDF - Infineon Technologies AG

Part # H30R90
Download  H30R90 Click to download

File Size   304.0 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Reverse Conducting IGBT with monolithic body diode

H30R90 Datasheet (HTML) - Infineon Technologies AG


H30R90 Product details

Features:
• 1.5V typical saturation voltage of IGBT
• Trench and Fieldstop technology for 900 V applications offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
- easy parallel switching capability due to positive
temperature coefficient in VCE(sat)
• Low EMI
• Qualified according to JEDEC1
for target applications
• Application specific optimisation of inverse diode
• Pb-free lead plating; RoHS compliant




Similar Part No. - H30R90

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
H30R100 INFINEON-H30R100 Datasheet
330Kb / 12P
Soft Switching Series
Rev. 2.2 Nov 08
H30R1103 INFINEON-H30R1103 Datasheet
2Mb / 15P
Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
H30R120 INFINEON-H30R120 Datasheet
977Kb / 12P
IGBT with monolithic body diode for soft switching Applications
Rev. 2.2 May 06
H30R1202 INFINEON-H30R1202 Datasheet
386Kb / 12P
Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
H30R1202 INFINEON-H30R1202 Datasheet
363Kb / 12P
Soft Switching Series
Rev. 1.5 Dec. 09
More results


Similar Description - H30R90

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com