Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N752A Datasheet (PDF) - EIC discrete Semiconductors

1N752A Datasheet PDF - EIC discrete Semiconductors
Part # 1N752A
Download  1N752A Download
File Size   38.83 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

1N752A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N752A Datasheet PDF - EIC discrete Semiconductors

Part # 1N752A
Download  1N752A Click to download

File Size   38.83 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ZENER DIODES

1N752A Datasheet (HTML) - EIC discrete Semiconductors


1N752A Product details

VZ : 3.3 to 12V
PD : 500mW

FEATURES :
• Silicon planar power zener diodes.
• Standard zener voltage tolerance is ± 5%
• Other tolerances are available upon request.
• Pb / RoHS Free

MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g




Similar Part No. - 1N752A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N752A FAIRCHILD-1N752A Datasheet
21Kb / 2P
Half Watt Zeners
logo
Compensated Deuices Inc...
1N752A CDI-DIODE-1N752A Datasheet
23Kb / 2P
DOUBLE PLUG CONSTRUCTION
logo
General Semiconductor
1N752A GE-1N752A Datasheet
36Kb / 2P
ZENER DIODES
logo
Leshan Radio Company
1N752A LRC-1N752A Datasheet
36Kb / 1P
1N43 1N7 SERIES ZENER DIODES
logo
Microsemi Corporation
1N752A MICROSEMI-1N752A Datasheet
222Kb / 3P
SILICON 400 mW ZENER DIODES
More results


Similar Description - 1N752A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com