Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78LR05 Datasheet (PDF) - Sanyo Semicon Device

L78LR05 Datasheet PDF - Sanyo Semicon Device
Part # L78LR05
Download  L78LR05 Download
File Size   166.99 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150mA, 5V 5-Pin Voltage Regulator with Reset Function

L78LR05 Datasheet (PDF)

Go To PDF Page Download Datasheet
L78LR05 Datasheet PDF - Sanyo Semicon Device

Part # L78LR05
Download  L78LR05 Click to download

File Size   166.99 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150mA, 5V 5-Pin Voltage Regulator with Reset Function

L78LR05 Datasheet (HTML) - Sanyo Semicon Device


L78LR05 Product details

Overview
The L78LR05 is voltage regulator IC that performs the reset signal generating function when the power supply of a microcomputer system is turned ON/OFF. The L78LR05 is convenient for battery backup system at the time of power failure. The reset threshold voltage VRT is ranked as shown below.

Features
• 5V, 150mA output.
• Capable of generating a microcomputer reset signal.
• No battery-regulator switching circuit required at the battery backup mode (Output leakage current : 2μA or less).
• An external capacitor can be used to set the reset output delay time.
• Applicable to the power supply of CMOS, NMOS micro computers.
• Especially suited for use as an on-board regulator for a microcomputer system.
• Small-sized power package TP-5H permitting the equipment to be made compact.
• The allowable power dissipation can be increased by being surface-mounted on the board.
• Capable of being mounted in a variety of methodes be cause of various lead forming versions available.
• On-chip protectors (overcurrent limiter, ASO protector, thermal protector).

Applications
• Prevention of malfunction that may occur when the power supply of a microcomputer is turned ON/OFF.
• Measures taken against abnormal operations that may occur at the time of instantaneous break of power supply.
• Direct battery backup for SRAM.




Similar Part No. - L78LR05

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
181Kb / 6P
150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
150mA, 5V 5-Pin Voltage Regulator with Reset Function
More results


Similar Description - L78LR05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8001S TOSHIBA-TA8001S Datasheet
232Kb / 7P
5V VOLTAGE REGULATOR WITH RESET TIMER
TA8002S TOSHIBA-TA8002S Datasheet
253Kb / 7P
5V VOLTAGE REGULATOR WITH RESET TIMER
logo
Sanyo Semicon Device
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
5V, 1A Voltage-regulator ICs with Reset Function
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
150mA, 5V 5-Pin Voltage Regulator with Reset Function
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
5 V, 1 A Voltage-regulator ICs with Reset Function
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com