Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1260 Datasheet (PDF) - Sanyo Semicon Device

LA1260 Datasheet PDF - Sanyo Semicon Device
Part # LA1260
Download  LA1260 Download
File Size   924.15 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM/AM Tuner System for Radio-Casette Recorders, Music Centers

LA1260 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA1260 Datasheet PDF - Sanyo Semicon Device

Part # LA1260
Download  LA1260 Click to download

File Size   924.15 Kbytes
Page   14 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM/AM Tuner System for Radio-Casette Recorders, Music Centers

LA1260 Datasheet (HTML) - Sanyo Semicon Device


LA1260 Product details

FM/AM Tuner System for Radio-Casette Recorders, Music Centers



Features

• Minimum number of external parts required (No AM detection coil required).

• High S/N : FM 81dB

                AM 53dB

• Low-level AM oscillator with ALC : Pin 16 OSC output W 130mV  

    SW 70 mV to 90 mV

    (7MHz)       (24MHz)

• Less AM whistle interference : Whistle 1% at input 100dB/m.

• On-chip LED tuning indicator driver.

• On-chip FM/AM selector.

• Independent FM/AM output pins : Possible to set FM/AM frequency characteristic independently.



Functions

FM : IF amplifier, quadrature detector, AF preamplifier, tuning indicator drive output.

AM : RF amplifier, MIX, OSC (with ALC), IF amplifier, Detector, AGC, tuning indicator drive.




Similar Part No. - LA1260

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1265 SANYO-LA1265 Datasheet
1Mb / 15P
FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
FM/AM Tuner of Electronic Tuning Type
logo
LIGITEK electronics co....
LA126B-3-SR LIGITEK-LA126B-3-SR Datasheet
66Kb / 5P
LED ARRAY
More results


Similar Description - LA1260

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Sanyo Semicon Device
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
FM Front End for Radio-Cassette Recorders, Music Centers
LA1805 SANYO-LA1805 Datasheet
1,006Kb / 13P
AM/FM-IF/MPX Tuner System for Radio-Casette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
logo
Panasonic Semiconductor
AN7224 PANASONIC-AN7224 Datasheet
284Kb / 5P
AM Tuner, FM-AM IF Amplifier CircuIt for RadIo Cassette Recorders
logo
Sanyo Semicon Device
LA1207 SANYO-LA1207 Datasheet
104Kb / 1P
FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
AM/FM RADIO SYSTEM
logo
Unisonic Technologies
TA7611AP UTC-TA7611AP Datasheet
156Kb / 5P
FM IF/AM TUNER SYSTEM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com