Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1600 Datasheet (PDF) - Sanyo Semicon Device

LA1600 Datasheet PDF - Sanyo Semicon Device
Part # LA1600
Download  LA1600 Download
File Size   474.02 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1-Band AM Radio

LA1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA1600 Datasheet PDF - Sanyo Semicon Device

Part # LA1600
Download  LA1600 Click to download

File Size   474.02 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1-Band AM Radio

LA1600 Datasheet (HTML) - Sanyo Semicon Device


LA1600 Product details

Overview
The LA1600, being an AM tuner IC placed in a 9-pin SIP, provides the functions of an AM tuner. It is usable in the band range up to SW band and is especially suited for use in low-cost AM radios and radio-controlled receivers.

Features
• Minimum number of external parts required.
• Low current drain (3.7mA).
• Low supply voltage (1.8V min).
• Adoption of double-balanced mixer.
• Usable in the band range up to SW band.

Functions
• AM : RF amp, MIX, OSC, IF amp, detector, AGC.




Similar Part No. - LA1600

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
LA16-16-000A SENSATA-LA16-16-000A Datasheet
131Kb / 2P
C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
LA16-16-001A-4E SENSATA-LA16-16-001A-4E Datasheet
153Kb / 2P
CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA16-16-001A-4S SENSATA-LA16-16-001A-4S Datasheet
153Kb / 2P
CYLINDRICAL SEMI-HOUSED LINEAR VOICE COIL ACTUATORS (VCA)
LA16-19-001A SENSATA-LA16-19-001A Datasheet
131Kb / 2P
C Y LINDRICAL FRAMELESS LINEAR VOICE COIL ACTUATORS (VCA)
logo
LIGITEK electronics co....
LA162B-5-G.H.G.EG.G LIGITEK-LA162B-5-G.H.G.EG.G Datasheet
313Kb / 1P
ARRAY WITH LED LAMPS
More results


Similar Description - LA1600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5551T PHILIPS-TEA5551T Datasheet
160Kb / 17P
1-chip AM radio
October 1990
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
AM/FM 1-CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
AM/FM 1 CHIP RADIO
S1A0427B01 SAMSUNG-S1A0427B01 Datasheet
305Kb / 14P
AM/FM 1 CHIP RADIO
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
AM 1 CHIP RADIO
logo
List of Unclassifed Man...
CD7613 ETC1-CD7613 Datasheet
202Kb / 8P
AM/FM 1 CHIP RADIO
logo
Hangzhou Youwang Electr...
UTC7613AP YOUWANG-UTC7613AP Datasheet
98Kb / 5P
AM/FM 1 CHIP RADIO
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com