Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3241 Datasheet (PDF) - Sanyo Semicon Device

LA3241 Datasheet PDF - Sanyo Semicon Device
Part # LA3241
Download  LA3241 Download
File Size   103.36 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Preamp For Compact Cassette Recording-only Use

LA3241 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3241 Datasheet PDF - Sanyo Semicon Device

Part # LA3241
Download  LA3241 Click to download

File Size   103.36 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Preamp For Compact Cassette Recording-only Use

LA3241 Datasheet (HTML) - Sanyo Semicon Device


LA3241 Product details

Overview
The LA3241 is a preamp IC for compact cassette player recording-only use. The distinctive feature of the LA3241 is that it contains mechanical switches which have been so far connected externally as peripheral parts.

Features
• Wide ALC : ALCW=60dB typ.
• 2-step ALC level : ALCVo=0.42V, 0.65V.
• On-chip electronic select switches permitting selection of normal/metal tape and normal/higher speed mode recording equalizer.
• On-chip mike amp : Gain 25dB typ fixed.
• Low-voltage operaton because the Schottky barrier diode is used for ALC rectifier diode.
• Wide operating voltage : VCC=4.5 to 14.0V.

Applications
• Radio-cassette tape recorder/tape deck-use stereo compact cassette player.




Similar Part No. - LA3241

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
Preamplifier for Compact Cassette Recorder Recording-only Use
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
Stereo Preamplifier for Compact Double Cassette Playback-only Use
More results


Similar Description - LA3241

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA3242 SANYO-LA3242 Datasheet
480Kb / 12P
Preamplifier for Compact Cassette Recorder Recording-only Use
LA3246 SANYO-LA3246 Datasheet
441Kb / 13P
Stereo Preamplifier for Compact Double Cassette Playback-only Use
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
Compact Cassette Stereo Recording and Playback System
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
STEREO CASSETTE DECK RECORDING EQUALIZER
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
Recording Equalizer Amplifier for Stereo Cassette Decks
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com