Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA3550 Datasheet (PDF) - Sanyo Semicon Device

LA3550 Datasheet PDF - Sanyo Semicon Device
Part # LA3550
Download  LA3550 Download
File Size   81.94 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Auto-Loudness Controller for Headphone Stereo Systems

LA3550 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA3550 Datasheet PDF - Sanyo Semicon Device

Part # LA3550
Download  LA3550 Click to download

File Size   81.94 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Auto-Loudness Controller for Headphone Stereo Systems

LA3550 Datasheet (HTML) - Sanyo Semicon Device


LA3550 Product details

Overview
The LA3550M Auto-Loudness Controller IC provides user selectable boosting of up to approximately 24dB for low frequency sound components in the range of 30 to 50Hz. Boosting gain for low frequencies can be controlled in proportion to the level of an external input signal. High frequencies are also boosted by a fixed 6dB. The result gives natural and dynamic boosting at all sound levels, and realistic audio reproduction.

Features
• User-selectable low-frequency boost levels from 5.5 to 23.5dB (max).
• 6dB (fixed) high-frequency boosting.
• Low-frequency boost gain level control circuit on-chip.
• Output signal detection circuit on-chip.
• Boost select/deselect switching.
• Built-in AGC circuit prevents clipping.
• Reduced noise levels.
• Reduced parts’ count.
• Low-power operation.
• 14-pin MFP package (1mm pitch pins).




Similar Part No. - LA3550

ManufacturerPart #DatasheetDescription
logo
LEM
LA35-NP LEM-LA35-NP Datasheet
78Kb / 2P
Current Transducer LA 35-NP
LA35-NP LEM-LA35-NP Datasheet
268Kb / 2P
Current Transducer
LA35-NP LEM-LA35-NP_06 Datasheet
268Kb / 2P
Current Transducer
logo
LIGITEK electronics co....
LA35140 LIGITEK-LA35140 Datasheet
102Kb / 5P
RECTANGLE TYPE LED LAMPS
More results


Similar Description - LA3550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Sep-1997
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
Stereo Headphone Amplifiers
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
Stereo Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
STEREO HEADPHONE DRIVER
logo
Sanyo Semicon Device
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com