Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA08-600BW Datasheet (PDF) - STMicroelectronics

BTA08-600BW Datasheet PDF - STMicroelectronics
Part # BTA08-600BW
Download  BTA08-600BW Download
File Size   151.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless?? logic level and standard 8 A Triacs

BTA08-600BW Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA08-600BW Datasheet PDF - STMicroelectronics

Part # BTA08-600BW
Download  BTA08-600BW Click to download

File Size   151.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Snubberless?? logic level and standard 8 A Triacs

BTA08-600BW Datasheet (HTML) - STMicroelectronics




Similar Part No. - BTA08-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08-600BW STMICROELECTRONICS-BTA08-600BW Datasheet
185Kb / 4P
SNUBBERLESS TRIACS
Feb-1989
BTA08-600BW STMICROELECTRONICS-BTA08-600BW Datasheet
191Kb / 4P
SN UBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA08-600BW KERSEMI-BTA08-600BW Datasheet
817Kb / 4P
SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTA08-600BW ISC-BTA08-600BW Datasheet
121Kb / 1P
isc Triacs
logo
HAOPIN MICROELECTRONICS...
BTA08-600BW HAOPIN-BTA08-600BW Datasheet
433Kb / 5P
Blocking voltage to 600 V
More results


Similar Description - BTA08-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T8T STMICROELECTRONICS-T8T Datasheet
160Kb / 9P
Snubberless?? logic level and standard 8 A Triacs
20-Sep-2011
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com