Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4265 Datasheet (PDF) - Sanyo Semicon Device

LA4265 Datasheet PDF - Sanyo Semicon Device
Part # LA4265
Download  LA4265 Download
File Size   267.98 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.5W Monaural Power Amp

LA4265 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4265 Datasheet PDF - Sanyo Semicon Device

Part # LA4265
Download  LA4265 Click to download

File Size   267.98 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3.5W Monaural Power Amp

LA4265 Datasheet (HTML) - Sanyo Semicon Device


LA4265 Product details

Features

• Minimum number of external parts requierd (No input capacitor, bootstrap capacitor requierd).

• High output : 3.5W typ (VCC=16V, RL=8Ω, THD=10%).

• Soft clip, causing little harmonic disturbance to radios.

• Small pop noise at the time of power switch ON/OFF.

• Built-in protector against abnormal modes (Thermal shut down, overvoltage)




Similar Part No. - LA4265

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4265 SANYO-LA4265 Datasheet
49Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results


Similar Description - LA4265

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2151A NJRC-NJM2151A Datasheet
132Kb / 9P
MONAURAL POWER AMP. & HEADPHONE POWER AMP. IC
logo
NTE Electronics
NTE1685 NTE-NTE1685 Datasheet
21Kb / 2P
Integrated Circuit Dual AF Power Amp, 3.5W
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
3.5W AF POWER AMP
logo
Asahi Kasei Microsystem...
AK7841 AKM-AK7841 Datasheet
469Kb / 21P
Monaural Audio Class-D Amp with Power Booster for PiezoSpeaker
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
Monaural Power Amplifier
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
Monaural Power Amplifier
logo
Unisonic Technologies
M2110 UTC-M2110_15 Datasheet
179Kb / 4P
MONAURAL MIC AMP. FOR VIDEO CAMERA
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
Monaural Power Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com