Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4440 Datasheet (PDF) - Sanyo Semicon Device

LA4440 Datasheet PDF - Sanyo Semicon Device
Part # LA4440
Download  LA4440 Download
File Size   467.94 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6W 2-Channel, Bridge 19W typ Power Amplifier

LA4440 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4440 Datasheet PDF - Sanyo Semicon Device

Part # LA4440
Download  LA4440 Click to download

File Size   467.94 Kbytes
Page   13 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6W 2-Channel, Bridge 19W typ Power Amplifier

LA4440 Datasheet (HTML) - Sanyo Semicon Device


LA4440 Product details

• Built-in 2 channels (dual) enabling use in stereo and bridge amplifier applications.

Dual : 6W×2 (typ.)

Bridge : 19W (typ.)

• Minimun number of external parts required.

• Small pop noise at the time of power supply ON/OFF and good starting balance.

• Good ripple rejection : 46dB (typ.)

• Good channel separation.

• Small residual noise (Rg=0).

• Low distortion over a wide range from low frequencies to

high frequencies.

• Easy to design radiator fin.

• Built-in audio muting function.

• Built-in protectors.

a. Thermal protector

b. Overvoltage, surge voltage protector

c. Pin-to-pin short protector





 




Similar Part No. - LA4440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4440 ONSEMI-LA4440 Datasheet
538Kb / 13P
Power Amplifier
July, 2013
LA4440J-K-E ONSEMI-LA4440J-K-E Datasheet
538Kb / 13P
Power Amplifier
July, 2013
More results


Similar Description - LA4440

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
Integrated Circuit AF Power Amplifier, 6W/Channel
logo
Sanyo Semicon Device
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
LA4250 SANYO-LA4250 Datasheet
303Kb / 7P
6W - 8W TYP AMP
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
Toshiba Semiconductor
TA7241AP TOSHIBA-TA7241AP Datasheet
733Kb / 13P
5.8M DUAL AUDIO POWER AMPLIFIER 19W BTL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
CTC810 YOUDA-CTC810 Datasheet
119Kb / 4P
6W AUDIO POWER AMPLIFIER
YD1519B YOUDA-YD1519B Datasheet
96Kb / 6P
6W STEREO POWER AMPLIFIER
logo
NTE Electronics
NTE1602 NTE-NTE1602 Datasheet
78Kb / 2P
Integrated Circuit Power Amplifier for Car Radio, 19W
logo
Texas Instruments
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940 TI1-LM4940_14 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com