Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4471 Datasheet (PDF) - Sanyo Semicon Device

LA4471 Datasheet PDF - Sanyo Semicon Device
Part # LA4471
Download  LA4471 Download
File Size   747.76 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description BTL-OCL 20W Power Amp For Car Stereo Use?

LA4471 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4471 Datasheet PDF - Sanyo Semicon Device

Part # LA4471
Download  LA4471 Click to download

File Size   747.76 Kbytes
Page   16 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description BTL-OCL 20W Power Amp For Car Stereo Use?

LA4471 Datasheet (HTML) - Sanyo Semicon Device


LA4471 Product details

Monolithic Linear ICs

BTL-OCL 20W POWER AMP FOR CAR STEREO USE




Similar Part No. - LA4471

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4475 SANYO-LA4475 Datasheet
745Kb / 16P
BTL-OCL Power 20W Amp For Car Stereo Use?
LA4476 SANYO-LA4476 Datasheet
745Kb / 16P
BTL-OCL Power 20W Amp For Car Stereo Use?
More results


Similar Description - LA4471

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4465 SANYO-LA4465 Datasheet
143Kb / 3P
BTL-OCL 12W AF Power Amp For Car Stereo Use
LA4475 SANYO-LA4475 Datasheet
745Kb / 16P
BTL-OCL Power 20W Amp For Car Stereo Use?
LA4495 SANYO-LA4495 Datasheet
619Kb / 13P
Car Stereo-Use BTL-OCL 20W AF Power Amp
LA4497 SANYO-LA4497 Datasheet
89Kb / 2P
Car Stereo-Use BTL-OCL 20W AF Power Amp?
LA47510 SANYO-LA47510 Datasheet
1Mb / 8P
Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
Dec-2005
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com