Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4498 Datasheet (PDF) - Sanyo Semicon Device

LA4498 Datasheet PDF - Sanyo Semicon Device
Part # LA4498
Download  LA4498 Download
File Size   89.55 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Car Stereo-Use BTL-OCL 20W AF Power Amp?

LA4498 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4498 Datasheet PDF - Sanyo Semicon Device

Part # LA4498
Download  LA4498 Click to download

File Size   89.55 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Car Stereo-Use BTL-OCL 20W AF Power Amp?

LA4498 Datasheet (HTML) - Sanyo Semicon Device


LA4498 Product details

Car Stereo-Use BTL-OCL 20W AF Power Amp




Similar Part No. - LA4498

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4495 SANYO-LA4495 Datasheet
619Kb / 13P
Car Stereo-Use BTL-OCL 20W AF Power Amp
LA4496 SANYO-LA4496 Datasheet
619Kb / 13P
Car Stereo-Use BTL-OCL 20W AF Power Amp
More results


Similar Description - LA4498

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
12W AF Power Amplifier For Car Radio or Car Stereo
LA4465 SANYO-LA4465 Datasheet
143Kb / 3P
BTL-OCL 12W AF Power Amp For Car Stereo Use
LA4470 SANYO-LA4470 Datasheet
747Kb / 16P
BTL-OCL 20W Power Amp For Car Stereo Use?
LA4475 SANYO-LA4475 Datasheet
745Kb / 16P
BTL-OCL Power 20W Amp For Car Stereo Use?
LA4495 SANYO-LA4495 Datasheet
619Kb / 13P
Car Stereo-Use BTL-OCL 20W AF Power Amp
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Sanyo Semicon Device
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com