Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMCE-1528 Datasheet (PDF) - Interpoint Corporation Company

FMCE-1528 Datasheet PDF - Interpoint Corporation Company
Part # FMCE-1528
Download  FMCE-1528 Download
File Size   1065.23 Kbytes
Page   13 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second

FMCE-1528 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMCE-1528 Datasheet PDF - Interpoint Corporation Company

Part # FMCE-1528
Download  FMCE-1528 Click to download

File Size   1065.23 Kbytes
Page   13 Pages
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company
Description Attenuation to 70 dB at 500 kHz, typical Transient rating -0.5 to 80 V for 1 second

FMCE-1528 Datasheet (HTML) - Interpoint Corporation Company




Similar Part No. - FMCE-1528

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528-TR INTERPOINT-FMCE-0528-TR Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMCE-0828-F/883 INTERPOINT-FMCE-0828-F/883 Datasheet
1Mb / 11P
EMI Input Filters 28 Volt input ??8 Amp
More results


Similar Description - FMCE-1528

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FM-461 INTERPOINT-FM-461_10 Datasheet
536Kb / 9P
Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
FMCE-0328 INTERPOINT-FMCE-0328 Datasheet
1Mb / 10P
Attenuation to 60 db at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0528 INTERPOINT-FMCE-0528 Datasheet
934Kb / 10P
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55째 to 125째C
FMCE-0828 INTERPOINT-FMCE-0828 Datasheet
1Mb / 11P
Attenuation to 60 dB at 500 kHz, typical MIL-STD-461C CE03
FMD28-461 INTERPOINT-FMD28-461_10 Datasheet
807Kb / 8P
Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
FME270-461 INTERPOINT-FME270-461_10 Datasheet
920Kb / 11P
Attenuation to 50 dB at 500 kHz Operating temperature -55째 to 125째C
logo
Micronetics, Inc.
NMA2109-A1E MICRONETICS-NMA2109-A1E Datasheet
163Kb / 2P
Legacy 1 kHz to 500 MHz
NMA2109-A2S MICRONETICS-NMA2109-A2S Datasheet
163Kb / 2P
Legacy 1 kHz to 500 MHz
logo
KR Electronics, Inc.
3088 KR-3088 Datasheet
58Kb / 3P
3.4 KHz Notch Frequency 2.44 KHz typical 3 dB Bandwidth High Attenuation in Notch
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com