Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4901 Datasheet (PDF) - Seme LAB

2N4901 Datasheet PDF - Seme LAB
Part # 2N4901
Download  2N4901 Download
File Size   15.52 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description Bipolar PNP Device in a Hermetically sealed TO3

2N4901 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4901 Datasheet PDF - Seme LAB

Part # 2N4901
Download  2N4901 Click to download

File Size   15.52 Kbytes
Page   1 Pages
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB
Description Bipolar PNP Device in a Hermetically sealed TO3

2N4901 Datasheet (HTML) - Seme LAB


2N4901 Product details

Bipolar PNP Device in a Hermetically sealed TO3 Metal Package.

Bipolar PNP Device.
    VCEO = 40V
    IC = 5A




Similar Part No. - 2N4901

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4901 MOSPEC-2N4901 Datasheet
171Kb / 4P
POWER TRANSISTORS(5.0A,87.5W)
logo
Boca Semiconductor Corp...
2N4901 BOCA-2N4901 Datasheet
175Kb / 4P
COMPLEMENTARY SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N4901 ETC-2N4901 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N4901 SAVANTIC-2N4901 Datasheet
112Kb / 3P
Silicon PNP Power Transistors
logo
Comset Semiconductor
2N4901 COMSET-2N4901 Datasheet
130Kb / 3P
PNP SILICON TRANSISTORS, EPITAXIAL BASE
More results


Similar Description - 2N4901

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3789 SEME-LAB-2N3789 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N3791 SEME-LAB-2N3791 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N4903 SEME-LAB-2N4903 Datasheet
16Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N4905 SEME-LAB-2N4905 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N5875 SEME-LAB-2N5875 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N5876 SEME-LAB-2N5876 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N6051 SEME-LAB-2N6051 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
2N6469 SEME-LAB-2N6469 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
BDX88A SEME-LAB-BDX88A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
MJ4031 SEME-LAB-MJ4031 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com